Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AD8354ACP-R2

  • AI
    ## Overview of AD8354ACP-R2 The **AD8354ACP-R2** is a high-performance, fixed-gain, radio frequency (RF) gain block amplifier manufactured by Analog Devices. It is designed to provide stable amplification across a wide range of frequencies, typically used in wireless infrastructure and broadband applications. --- ### Technical Specifications The following table summarizes the key electrical characteristics of the AD8354ACP-R2: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 1 MHz to 2.7 GHz | | **Fixed Gain** | 20 dB (typical at 900 MHz) | | **Output P1dB** | 4.8 dBm | | **Noise Figure** | 4.2 dB | | **Supply Voltage** | 3.0 V to 5.0 V | | **Supply Current** | 24 mA (typical) | | **Input/Output Impedance** | 50 $\Omega$ (Internally matched) | | **Package Type** | 8-lead LFCSP (Lead Frame Chip Scale Package) | --- ### Key Internal Components and Features 1. **Internal Matching Circuitry**: The device is internally matched to 50 ohms at both the input and output. This eliminates the need for complex external impedance-matching networks, reducing the overall PCB footprint. 2. **Bipolar Process**: It is fabricated using a high-speed Silicon Germanium (SiGe) Complementary Bipolar process, which allows for high gain-bandwidth products and low noise performance. 3. **Biasing System**: The part includes an internal active biasing cell. This ensures that the device maintains a stable operating point (current and gain) even if the temperature or supply voltage fluctuates. --- ### Pin Configuration Below is a representation of the typical pinout for the 8-lead LFCSP package: | Pin Number | Mnemonic | Description | | :--- | :--- | :--- | | 1 | NC | No Internal Connection | | 2 | RFIN | RF Input (AC coupled) | | 3, 6, 7 | GND | Ground connections | | 4 | NC | No Internal Connection | | 5 | RFOUT | RF Output and DC Bias | | 8 | VPOS | Positive Supply Voltage | --- ### Typical Application Circuit To use the AD8354, minimal external components are required. A standard configuration involves: * **DC Blocking Capacitors**: Required at the RFIN and RFOUT pins to prevent DC bias from entering other stages. * **Decoupling Capacitors**: Placed on the $V_{POS}$ line to filter out power supply noise. ```text Vcc (3V - 5V) | [10nF] (Decoupling) | [RFIN]--[C_block]--[ AD8354 ]--[C_block]--[RFOUT] | | | [ GND GND ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8354 and the AD8353?
    • ⤷ How does the noise figure affect the overall signal-to-noise ratio in this amplifier?
    • ⤷ Can this part be used in 5G applications above 3 GHz?