Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AD8495ARMZ-R7

  • AI
    ## AD8495ARMZ-R7: Precision Thermocouple Amplifier The **AD8495ARMZ-R7** is a precision instrumentation amplifier specifically designed for thermocouple cold-junction compensation and signal conditioning. It is manufactured by Analog Devices and is widely used for converting the small millivolt signal of a thermocouple into a linear voltage output. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Thermocouple Type** | Type K (Optimized) | | **Input Type** | Differential | | **Output Type** | Single-Ended (5 mV/°C) | | **Supply Voltage Range** | 2.7 V to 36 V (Single) / ±2.7 V to ±18 V (Dual) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Packing Type** | Tape and Reel (R7 suffix) | --- ### 2. Core Functional Blocks The device integrates several critical components into a single 8-pin package to simplify temperature measurement: 1. **Instrumentation Amplifier:** Provides high input impedance to prevent loading the thermocouple and high Common-Mode Rejection Ratio (CMRR) to eliminate noise. 2. **Cold Junction Compensator:** Automatically compensates for the temperature at the "cold" end (the PCB connection), ensuring the output represents the temperature at the probe tip. 3. **Reference Buffer:** Allows the user to offset the output voltage (Reference pin), which is useful for measuring negative temperatures while using a single-supply power source. --- ### 3. Pin Configuration (MSOP-8) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | -IN | Negative Thermocouple Input | | 2 | +IN | Positive Thermocouple Input | | 3 | V- | Negative Supply (or Ground for single supply) | | 4 | REF | Reference Voltage Input (Sets the zero-point) | | 5 | OUT | Analog Voltage Output (5 mV/°C) | | 6 | V+ | Positive Supply Voltage | | 7 | SENSE | Feedback for the output amplifier (usually tied to OUT) | | 8 | NC | No Internal Connection | --- ### 4. Typical Application Circuit To use the AD8495, the basic transfer function is: `Vout = (T_thermocouple × 5mV/°C) + V_ref` ```c // Example Calculation in C/Arduino float voltage = analogRead(A0) * (5.0 / 1023.0); // Convert ADC to Volts float temperature = (voltage - V_REF) / 0.005; // 5mV per degree Celsius ``` --- ### 5. Advantages & Limitations * **Pros:** High integration (saves PCB space), wide supply range, built-in cold junction compensation, and very low power consumption (approx. 180 µA). * **Cons:** Fixed gain (calibrated for Type K), analog output requires a high-quality ADC for precision, and susceptibility to RF interference if not properly filtered at the inputs.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the output voltage for sub-zero temperatures using the REF pin?
    • ⤷ What are the specific differences between the AD8495 and the AD8494?
    • ⤷ What external filtering is recommended for noisy industrial environments?