Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AD8571ARMZ-R2

  • AI
    ## AD8571ARMZ-R2: Electronic Specifications and Overview The **AD8571ARMZ-R2** is a high-precision, single-channel, zero-drift operational amplifier manufactured by Analog Devices. It is widely known for its extremely low offset voltage and long-term stability. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the AD8571ARMZ-R2: | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | Zero-Drift (Chopper Stabilized) | | **Number of Channels** | 1 (Single) | | **Input Offset Voltage** | 1 µV (Typical), 5 µV (Maximum) | | **Offset Voltage Drift** | 0.005 µV/°C | | **Supply Voltage Range** | 2.7V to 5.5V | | **Gain Bandwidth Product** | 1.5 MHz | | **Slew Rate** | 0.4 V/µs | | **Quiescent Current** | 850 µA per amplifier | | **Rail-to-Rail** | Input and Output (RRIO) | | **Package Type** | MSOP-8 (ARMZ suffix) | --- ### 2. Core Functional Features #### A. Zero-Drift Technology The AD8571 uses a "chopper-stabilized" architecture. This internal circuitry continuously corrects the input offset voltage. This results in: * **Near-zero offset:** Crucial for measuring microvolt-level signals. * **Elimination of 1/f noise:** It removes the low-frequency flicker noise that plagues standard op-amps. #### B. Rail-to-Rail Input/Output (RRIO) The part can handle input signals that go slightly beyond the supply rails and can drive the output voltage very close to the positive and negative supply limits. This maximizes the **Dynamic Range**, which is essential for low-voltage systems (like 3.3V circuits). #### C. No Overload Recovery Time Issues Unlike some older chopper-stabilized amps, the AD857x family features patented circuitry that allows for fast recovery from output saturation. --- ### 3. Application Use Cases Due to its high precision, the AD8571ARMZ-R2 is typically used in: 1. **Temperature Sensors:** Interfacing with Thermocouples or RTDs where signal levels are very small. 2. **Precision Current Sensing:** Monitoring current across a shunt resistor. 3. **Strain Gages/Load Cells:** Used in electronic scales and pressure sensors. 4. **Medical Instrumentation:** Low-frequency, high-gain bio-potential amplification. --- ### 4. Part Number Breakdown (AD8571ARMZ-R2) * **AD8571:** The base model number (Single Channel). * **ARMZ:** * **A:** Performance Grade. * **RM:** MSOP (Mini Small Outline Package). * **Z:** RoHS compliant (Lead-free). * **R2:** Packaging format (Typically indicates a 7-inch Reel with a specific quantity, e.g., 250 units).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD8571
    • ⤷ AD8572
    • ⤷ and AD8574?
    • ⤷ How does zero-drift technology eliminate 1/f noise in this specific IC?
    • ⤷ What are the PCB layout considerations for maintaining 1uV offset precision?