Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AD8651ARMZ-R

  • AI
    The **AD8651ARMZ-R** is a high-precision, low-noise, CMOS operational amplifier manufactured by Analog Devices. It is specifically designed for applications requiring high speed and high accuracy at low supply voltages. --- ## 1. Technical Specifications The following table outlines the core electrical characteristics of the AD8651: | Parameter | Specification | | :--- | :--- | | **Architecture** | Single, Precision CMOS Op-Amp | | **Bandwidth (Gain Bandwidth Product)** | 50 MHz | | **Slew Rate** | 41 V/µs | | **Supply Voltage Range** | 2.7V to 5.5V | | **Input Bias Current** | 1 pA (Typical) | | **Offset Voltage** | 100 µV (Typical) | | **Noise Density** | 5 nV/√Hz @ 10 kHz | | **Output Type** | Rail-to-Rail Output | | **Package / Case** | 8-MSOP (Micro Small Outline Package) | --- ## 2. Key Electronic Features ### High Speed and Low Noise The 50 MHz bandwidth and 41 V/µs slew rate make it suitable for fast signal processing. Despite its speed, it maintains an exceptionally low noise floor (5 nV/√Hz), which is critical for maintaining signal integrity in sensor interfaces. ### DigiTrim® Technology The AD8651 utilizes Analog Devices' proprietary **DigiTrim** technique. This is a digital trimming process performed during manufacturing to minimize input offset voltage. This eliminates the need for external trimming by the user. ### Low Input Bias Current Because it is a CMOS-based amplifier, the input bias current is extremely low (in the picoampere range). This makes it ideal for applications involving high-impedance sources, such as photodiode transimpedance amplifiers. --- ## 3. Pin Configuration (8-MSOP) Below is the standard pinout for the AD8651 in the ARMZ package: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | NC | No Internal Connection | | 2 | -IN | Inverting Input | | 3 | +IN | Non-inverting Input | | 4 | V- | Negative Supply (or Ground) | | 5 | NC | No Internal Connection | | 6 | OUT | Output | | 7 | V+ | Positive Supply | | 8 | NC | No Internal Connection | --- ## 4. Typical Applications * **Optical Networking:** Photodiode transimpedance amplification. * **Medical Instrumentation:** High-speed, low-power blood analysis equipment. * **Data Acquisition:** Driving high-speed Analog-to-Digital Converters (ADCs). * **Filters:** Active high-speed filters for communication systems. --- ## 5. Ordering Information Decoding * **AD8651**: The base model number. * **ARMZ**: "A" (Grade), "RM" (MSOP Package), "Z" (RoHS Compliant/Lead-Free). * **-R**: Indicates the part is supplied on a Tape and Reel.
    ✨ Follow-up Questions
    • ⤷What is the difference between the AD8651 and the AD8652?
    • ⤷ How does the DigiTrim technology affect the long-term stability of the offset voltage?
    • ⤷ Can the AD8651 be used with a single 3.3V power supply?