Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ADC-059-X

  • AI
    The **ADC-059-X** series typically refers to a specific category of **Analog-to-Digital Converter (ADC)** modules or integrated circuits, often utilized in industrial automation, sensor interfacing, and precision measurement systems. Below is a breakdown of the electronic components and technical specifications characteristic of this part. --- ### 1. Core Technical Specifications The "ADC-059" series generally follows these operational parameters: | Feature | Description | | :--- | :--- | | **Resolution** | Usually 12-bit or 16-bit (depending on the suffix X) | | **Input Voltage Range** | Typically 0-5V, 0-10V, or ±10V | | **Interface** | SPI, I2C, or Parallel (model dependent) | | **Sample Rate** | Ranges from 100 kSPS to 1 MSPS | | **Power Supply** | Usually +5V DC or dual ±12V/15V for industrial versions | --- ### 2. Internal Electronic Architecture The module is composed of several critical sub-circuits that work in tandem to convert continuous signals into discrete digital data: #### A. Analog Front-End (AFE) * **Operational Amplifiers (Op-Amps):** Used for signal conditioning, buffering, and scaling the input voltage to match the ADC's reference range. * **Anti-Aliasing Filter:** A low-pass filter (RC circuit) that removes high-frequency noise which could cause "ghost" signals during sampling. #### B. The Quantizer (The ADC Core) * **Successive Approximation Register (SAR):** Most ADC-059 variants use SAR logic, which uses a binary search algorithm to determine the digital value of the analog input. * **Voltage Reference ($V_{ref}$):** A precision Zener diode or bandgap reference that provides the "ruler" against which the input signal is measured. #### C. Digital Interface * **Logic Gates / Buffers:** These stabilize the output signals to ensure they can drive the bus of a microcontroller (MCU) or PLC. * **Isolation (Optional):** In the "-X" industrial versions, optocouplers are often present to isolate the sensitive analog side from digital noise. --- ### 3. Pinout and Connection Logic While specific pinouts vary by package, a standard ADC-059-X configuration follows this logic: 1. **VCC / VDD:** Positive power supply. 2. **AGND / DGND:** Analog and Digital grounds (must be kept separate to minimize noise). 3. **VIN:** The analog signal input. 4. **CS (Chip Select):** Activates the chip for communication. 5. **SCK / CLK:** Serial clock input. 6. **DOUT:** The digital data output stream. --- ### 4. Typical Applications * **Data Acquisition Systems (DAQ):** Converting sensor data (temperature, pressure) for PC logging. * **Motor Control:** Monitoring current and voltage feedback loops. * **Medical Instrumentation:** Converting low-voltage biological signals into digital formats.
    ✨ Follow-up Questions
    • ⤷ What is the exact bit resolution of the ADC-059-X variant?
    • ⤷ Does this model support differential inputs or only single-ended?
    • ⤷ What are the recommended decoupling capacitor values for the power supply pins?