Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ADD8702ACP-R2

  • AI
    The **ADD8702ACP-R2** is a specialized integrated circuit designed primarily for use in **TFT-LCD (Thin-Film Transistor Liquid Crystal Display)** applications. It is manufactured by Analog Devices and belongs to their family of display power management solutions. --- ### 1. General Overview The ADD8702 is a 2-channel, rail-to-rail input and output amplifier optimized for driving the **VCOM (Common Voltage)** and other reference buffers in flat-panel displays. | Feature | Specification | | :--- | :--- | | **Type** | Operational Amplifier / VCOM Buffer | | **Channels** | 2 | | **Supply Voltage Range** | 4.5V to 18V | | **Output Current** | High Peak (up to 300mA) | | **Package** | LFCSP-8 (3mm x 3mm) | | **Mounting Type** | Surface Mount | --- ### 2. Key Internal Components & Functions To understand the "electronic parts" within and surrounding this IC, we can break it down into functional blocks: #### A. Rail-to-Rail Input/Output (RRIO) * The internal architecture allows the input and output signals to swing very close to the positive and negative supply rails. This is critical for LCDs to maximize the dynamic range of the display pixels. #### B. High-Current Output Stage * Unlike standard op-amps, the ADD8702 features a robust output stage capable of sourcing and sinking high peak currents. This is necessary to quickly charge and discharge the capacitive load presented by a large LCD panel. #### C. Thermal Protection * The chip includes internal thermal shutdown circuitry to prevent damage if the high-current output causes the silicon temperature to exceed safe limits (typically around 150°C). --- ### 3. Application Circuit Components When implementing the ADD8702ACP-R2 on a PCB, several external electronic parts are required for stable operation: 1. **Bypass Capacitors:** Usually 0.1µF and 10µF ceramic capacitors placed close to the $V_S$ pin to filter high-frequency noise and provide current bursts. 2. **Feedback Network:** Resistors used to set the gain of the amplifier. 3. **Compensation Capacitor:** In some layouts, a small capacitor is placed in the feedback loop to ensure stability when driving highly capacitive loads. --- ### 4. Why it is used in Displays The ADD8702 solves a specific problem: the **VCOM voltage** must remain extremely stable despite the rapid switching of millions of pixels. If the VCOM voltage fluctuates, the screen will exhibit "flicker" or "crosstalk" (ghosting). The ADD8702 acts as a high-speed buffer that "holds" the voltage steady even when the pixels draw sudden spikes of current. ---
    ✨ Follow-up Questions
    • ⤷ What are the pin configurations for the LFCSP-8 package of the ADD8702?
    • ⤷ How does the ADD8702 differ from a standard general-purpose op-amp like the LM358?
    • ⤷ What are the common causes of failure for VCOM buffers in LCD circuits?