Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ADEX-R10

  • AI
    The **ADEX-R10** is a specialized electronic component, specifically a **high-current, low-resistance radial leaded shunt resistor**. It is primarily designed for current sensing applications where precision and thermal stability are critical. --- ### 1. Key Electronic Specifications The ADEX-R10 is defined by its ability to handle high power while maintaining a very low resistance value. | Parameter | Typical Value | | :--- | :--- | | **Resistance Value** | 0.1 $\Omega$ (indicated by "R10") | | **Power Rating** | 3W to 10W (depending on mounting and heatsinking) | | **Tolerance** | $\pm$1% or $\pm$5% (standard) | | **Temperature Coefficient (TCR)** | $\pm$50 ppm/°C to $\pm$100 ppm/°C | | **Construction** | Metal Plate / Wirewound with Flameproof Coating | --- ### 2. Core Electronic Features * **Low Inductance:** Unlike standard wirewound resistors, the ADEX series is often designed to have low inductance, making it suitable for high-frequency switching power supplies. * **Flameproof Protection:** The exterior is coated with a silicone or ceramic flameproof material to prevent fire in the event of an overload. * **Heat Dissipation:** The radial lead design allows for a small air gap between the component body and the PCB, improving air circulation and preventing the board from scorching. * **Surge Immunity:** Its metal-based construction allows it to withstand brief high-current surges better than thin-film or thick-film surface mount (SMD) resistors. --- ### 3. Circuit Applications The ADEX-R10 is commonly found in the following electronic circuits: 1. **Current Sensing:** Placed in series with a load to measure the voltage drop across it ($V = I \times R$). Because the resistance is $0.1 \Omega$, every $1A$ of current results in a $100mV$ signal. 2. **Overcurrent Protection:** Used in motor controllers or battery management systems (BMS) to trigger a shutdown if current exceeds safe limits. 3. **DC-DC Converters:** Acts as a feedback element in the regulation loop to maintain constant current output. 4. **Audio Amplifiers:** Used in the output stage to monitor bias current and protect power transistors. --- ### 4. Comparison: ADEX-R10 vs. Standard Resistors | Feature | Standard Resistor | ADEX-R10 | | :--- | :--- | :--- | | **Primary Goal** | Voltage dropping / Limiting | Precision current measurement | | **Heat Handling** | Moderate | High (designed for thermal stress) | | **Precision** | Lower (high drift) | High (stable across temperatures) |
    ✨ Follow-up Questions
    • ⤷ What are the mounting considerations for the ADEX-R10 to avoid thermal drift?
    • ⤷ Can the ADEX-R10 be replaced with an SMD equivalent for compact designs?
    • ⤷ How do you calculate the power dissipation for an ADEX-R10 in a 5A circuit?