Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ADL5391ACPZ-R2

  • AI
    ## Overview of ADL5391ACPZ-R2 The **ADL5391ACPZ-R2** is a high-performance, symmetric, DC-coupled **multiplier** manufactured by Analog Devices. It is specifically designed for high-speed signal processing and RF (Radio Frequency) applications where high linearity and wide bandwidth are critical. --- ### Core Technical Specifications The following table summarizes the key electrical characteristics of the ADL5391: | Parameter | Specification | | :--- | :--- | | **Multiplier Architecture** | Analog (Symmetric) | | **Bandwidth (-3 dB)** | 2.0 GHz | | **Supply Voltage (Vs)** | 4.5V to 5.5V | | **Operating Current** | ~135 mA | | **Input Signal Range** | ±1 V (Differential) | | **Slew Rate** | 10,000 V/µs | | **Package** | 24-lead LFCSP | --- ### Key Electronic Features 1. **Symmetric Architecture**: Unlike traditional Gilbert-cell multipliers, the ADL5391 uses a symmetric design. This ensures that both inputs (X and Y) have identical characteristics, leading to lower distortion and better phase matching. 2. **Wide Bandwidth**: With a 2 GHz bandwidth, it can handle high-frequency modulation and demodulation without significant signal degradation. 3. **Low Distortion**: It offers excellent linearity, which is crucial for applications like gain control and square-rooting circuits. 4. **DC Coupling**: The device can process signals all the way down to DC, making it versatile for both AC communications and precision instrumentation. --- ### Typical Pinout Configuration (Functional Groups) | Pin Category | Description | | :--- | :--- | | **X-Inputs (X1, X2)** | Differential input for the first signal. | | **Y-Inputs (Y1, Y2)** | Differential input for the second signal. | | **Output (W1, W2)** | Differential output representing the product $(X \times Y)$. | | **Supply/Ground** | Power pins ($V_{POS}$) and thermal pad/ground connections. | --- ### Application Use Cases The ADL5391 is commonly integrated into systems requiring high-speed mathematical operations on signals: * **RF Modulation/Demodulation**: Mixing signals to different frequency bands. * **Adaptive Antennas**: Used in beamforming and phase-shifting networks. * **Automatic Gain Control (AGC)**: Adjusting signal levels dynamically. * **High-Speed Computing**: Performing square-root or squaring functions in analog hardware. --- ### Example Implementation Snippet When designing a PCB for this part, the differential input impedance is typically 500 $\Omega$. A basic impedance matching network is often required: ```cpp // Schematic Design Note: // Input X: Differential 500 Ohm // Output W: Differential Low Impedance // Ensure the Thermal Pad is soldered to Ground for heat dissipation. ```
    ✨ Follow-up Questions
    • ⤷How does the symmetric architecture of the ADL5391 compare to a standard Gilbert cell?
    • ⤷ What are the power dissipation considerations for the 24-lead LFCSP package?
    • ⤷ Can the ADL5391 be used for signal squaring applications?