Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ADL5533ACPZ-R7

  • AI
    ## ADL5533ACPZ-R7: Electronic Overview The **ADL5533ACPZ-R7** is a high-performance, GaAs (Gallium Arsenide), pseudomorphic High Electron Mobility Transistor (pHEMT), single-ended RF Differential Amplifier manufactured by **Analog Devices**. It is primarily used as a broadband gain block in wireless infrastructure and high-frequency communication systems. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 20 MHz to 1.0 GHz | | **Fixed Gain** | 20 dB (at 190 MHz) | | **Output P1dB** | 23 dBm | | **Output IP3** | 40 dBm (at 190 MHz) | | **Noise Figure** | 3.5 dB | | **Supply Voltage** | 5 V | | **Supply Current** | 125 mA | | **Package** | 8-Lead LFCSP (3mm x 3mm) | --- ### 2. Functional Description of Internal Parts The device is designed as a **Gain Block**, meaning it integrates matching networks and bias circuitry internally to simplify RF design. * **Active Device:** Utilizes a GaAs pHEMT process, which provides high electron mobility, allowing for high gain and low noise at microwave frequencies. * **Internal Matching:** The input and output are internally matched to **50 $\Omega$**. This eliminates the need for complex external impedance matching components, saving PCB space. * **Bias Control:** The IC includes internal active biasing to maintain stable performance over temperature and process variations. * **ESD Protection:** Integrated ESD protection circuitry ensures the device can withstand handling in manufacturing environments. --- ### 3. Application Circuit Components When implementing this part, a few external passive components are required for proper operation: ```c // Typical Application Schematic Requirements 1. DC Blocking Capacitors: Required at RFIN and RFOUT to prevent DC bias from leaking into other stages. 2. Inductor (Choke): A high-impedance inductor is needed at the output pin to supply the 5V DC power while blocking RF signals from the power supply. 3. Decoupling Capacitors: Typically 100 pF and 0.1 uF capacitors on the VCC line to filter out high-frequency noise. ``` --- ### 4. Common Use Cases * **Wireless Infrastructure:** Power amplifier driver stages in cellular base stations (GSM, W-CDMA, LTE). * **CATV:** Cable television distribution amplifiers. * **ISM Band:** Industrial, Scientific, and Medical band equipment operating below 1 GHz. * **General Purpose RF:** Used as a buffer or pre-amplifier where high linearity and low noise are critical.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the external DC bias inductor?
    • ⤷ How does the gain of the ADL5533 vary across its 20 MHz to 1 GHz frequency range?
    • ⤷ Is there a dual-channel version of this amplifier available?