Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ADM1175-1ARMZ-R7

  • AI
    ## Overview of the ADM1175-1ARMZ-R7 The **ADM1175-1ARMZ-R7** is a high-performance, "Hot Swap" controller combined with a digital power monitor. It is manufactured by Analog Devices and is primarily used for power management and circuit protection in high-availability systems. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Package / Case** | 10-MSOP (Mini Small Outline Package) | | **Operating Voltage Range** | 3.15V to 16.5V | | **ADC Resolution** | 12-Bit | | **Interface** | I2C / SMBus | | **Main Functions** | Hot Swap Control, Current Monitoring, Voltage Monitoring | | **Mounting Type** | Surface Mount | --- ### Core Functionalities #### 1. Hot Swap Control This part allows boards to be inserted into or removed from a live backplane without causing damage. It controls an external N-channel MOSFET to: * Limit inrush current during power-up. * Provide a "Soft Start" mechanism. * Act as a circuit breaker in the event of an overcurrent or short circuit. #### 2. Power Monitoring (ADC) The device includes an on-chip **12-bit Analog-to-Digital Converter (ADC)**. It can measure: * **Voltage:** Monitors the supply rail voltage. * **Current:** Measures the voltage drop across a small external sense resistor to calculate current flow. #### 3. I2C Communication The ADM1175 communicates via an I2C interface, allowing a microcontroller to: * Read real-time power data (Voltage and Current). * Configure protection thresholds (Trip points). * Monitor the status of the "Power Good" or fault signals. --- ### Pin Configuration (Common 10-MSOP) | Pin Name | Description | | :--- | :--- | | **VCC** | Power supply input. | | **SENSE+ / SENSE-** | Inputs for the external current sense resistor. | | **GATE** | Controls the gate of the external N-channel MOSFET. | | **SDA / SCL** | Serial Data and Clock lines for I2C communication. | | **TIMER** | Sets the duration of the current limit before the device trips. | | **ON** | Enable input for the hot swap function. | --- ### Typical Applications * **Server Backplanes:** Protecting blade servers during hot-plugging. * **Base Stations:** Monitoring power consumption in telecommunications. * **Industrial Modules:** Providing localized circuit protection. * **Storage Systems (SAN/NAS):** Managing power rails for high-speed drives. --- ### Ordering Information Detail The suffix **-R7** indicates that the part is shipped in a **7-inch Tape and Reel**, which is standard for automated surface-mount assembly (SMT).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADM1175 and ADM1177 models?
    • ⤷ How do you calculate the sense resistor value for this specific controller?
    • ⤷ Can this part be used for 24V or 48V power rails?