Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ADP1055ACPZ-R7

  • AI
    The **ADP1055ACPZ-R7** is a high-performance, digital switching controller designed by Analog Devices. It is primarily used for AC-to-DC and DC-to-DC power conversion systems that require high efficiency and advanced telemetry. --- ### 1. Key Technical Specifications Below are the core technical parameters for the ADP1055ACPZ-R7: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Function** | Digital Power Controller | | **Topology Support** | Full Bridge, Half Bridge, Forward, Push-Pull | | **Interface** | PMBus / I2C | | **Supply Voltage (VDD)** | 3.3V | | **Package** | 32-LFCSP (5mm x 5mm) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Electronic Blocks The chip integrates several complex subsystems to handle power management digitally: 1. **High-Speed ADC (Analog-to-Digital Converter):** * Samples output voltage and current at high speeds. * Converts analog feedback into digital data for the processing core. 2. **Digital Control Loop (PID Filter):** * Unlike analog controllers that use resistors/capacitors for compensation, this uses programmable digital filters. * Allows for "On-the-fly" adjustments to loop stability. 3. **PWM Generator:** * Features 6 high-resolution PWM outputs. * Supports redundant power supplies and phase shifting. 4. **EEPROM Memory:** * Stores configuration settings such as voltage limits, fault thresholds, and calibration constants. --- ### 3. Application Use Cases This part is typically found in high-reliability environments where digital monitoring is crucial: * **Data Center Power:** High-density server power supply units (PSUs). * **Telecommunications:** 48V isolated DC-DC modules. * **Industrial:** High-end laboratory power equipment and redundant power systems. --- ### 4. Example Configuration Code (Conceptual) Communication with the ADP1055 is done via **PMBus**. Below is a conceptual representation of how a microcontroller might set the output voltage via the I2C interface: ```python # Conceptual PMBus command to set Output Voltage # VOUT_COMMAND = 0x21 # Target = 12.0V def set_output_voltage(i2c_bus, address, voltage): command_byte = 0x21 data_payload = convert_to_linear_format(voltage) i2c_bus.write_i2c_block_data(address, command_byte, data_payload) set_output_voltage(0x40, 12.0) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of digital power controllers over analog ones?
    • ⤷ How does the PMBus interface specifically interact with the ADP1055?
    • ⤷ Can you explain the 32-LFCSP package thermal management?