Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ADP151ACPZ-1.8-R7

  • AI
    ## Technical Overview: ADP151ACPZ-1.8-R7 The **ADP151ACPZ-1.8-R7** is an ultra-low noise, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide high performance in space-constrained and noise-sensitive applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | Fixed 1.8V | | **Input Voltage Range** | 2.2V to 5.5V | | **Max Output Current** | 200 mA | | **Dropout Voltage** | 140 mV (at 200 mA load) | | **Quiescent Current** | 10 μA (at no load) | | **PSRR** | 70 dB at 10 kHz | | **Package** | 6-lead LFCSP (2mm x 2mm) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the ADP151 is optimized for stability without requiring a bypass capacitor, which saves PCB space. * **Internal Reference:** A high-precision voltage reference that ensures accuracy across temperature variations. * **Error Amplifier:** Compares the feedback voltage with the reference to adjust the pass transistor. * **PMOS Pass Transistor:** Acts as the variable resistor to regulate voltage; its low "on-resistance" allows for the low dropout feature. * **Thermal and Overcurrent Protection:** Integrated circuitry that shuts down the device if it exceeds safe operating temperatures or if the output is shorted. --- ### 3. Application Use-Cases The ADP151 series is commonly found in mobile and RF (Radio Frequency) electronics where power clean-up is essential: 1. **Mobile Phones:** Powering sensitive analog-to-digital converters (ADCs). 2. **Digital Cameras:** Reducing image sensor noise by providing a stable 1.8V rail. 3. **Portable Medical Devices:** Where low power consumption (10 μA IQ) extends battery life. 4. **RF Transceivers:** The high Power Supply Rejection Ratio (PSRR) filters out switching noise from upstream DC-DC converters. --- ### 4. Implementation Example Below is a conceptual representation of how to connect the part in a circuit. ```markdown Pin Configuration: 1. VIN - Input Voltage (2.2V - 5.5V) 2. GND - Ground 3. EN - Enable (High = On, Low = Off) 4. VOUT - Regulated 1.8V Output 5. NC - No Connect 6. Exposed Pad - Connect to Ground for heat dissipation ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using an LDO over a switching regulator for 1.8V rails?
    • ⤷ Can you explain the significance of the 70 dB PSRR in this component?
    • ⤷ What are the recommended input and output capacitor values for the ADP151?