Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ADP1650ACPZ-R7

  • AI
    The **ADP1650ACPZ-R7** is a high-efficiency, white LED flash driver specifically designed for high-resolution camera phones and mobile devices. It is manufactured by Analog Devices and functions as a dual-channel, step-up (boost) converter. --- ### ## Technical Specifications Below are the primary electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.7V to 5.5V | | **Switching Frequency** | 3.0 MHz | | **Maximum Flash Current** | Up to 1500 mA (Total for both channels) | | **Control Interface** | I2C Compatible | | **Package Type** | 12-lead LFCSP (3mm x 3mm) | | **Efficiency** | Up to 90% | --- ### ## Core Functionality The device integrates several critical electronic components and features into a single chip: 1. **Boost Converter:** A high-frequency DC-to-DC converter that steps up the battery voltage to the level required by high-power LEDs. The 3.0 MHz frequency allows for the use of tiny inductors and capacitors. 2. **Current Regulators:** It features two independent current sinks to ensure balanced brightness across dual LEDs. 3. **Programmability:** Through the I2C interface, developers can program: * Flash current levels. * Torch (continuous) mode brightness. * Flash timeout durations. 4. **Hardware Protection:** Includes internal safety features such as: * **TX Masking:** Reduces flash current if the phone's power amplifier is transmitting to prevent battery brownouts. * **Overvoltage Protection (OVP):** Protects the chip if an LED fails (open circuit). * **Thermal Management:** Throttles current if the die temperature becomes too high. --- ### ## Application Circuit Overview To implement the ADP1650, the following external passive components are typically required: ```c // Typical External Component List 1. Inductor: 1.0uH (rated for peak switching current) 2. Input Capacitor: 10uF (MLCC) 3. Output Capacitor: 10uF (MLCC) 4. I2C Pull-up Resistors: 2.2k - 4.7k Ohms ``` --- ### ## Comparison: Flash vs. Torch Mode The ADP1650 manages two distinct operating modes for the LEDs: | Feature | Flash Mode | Torch Mode | | :--- | :--- | :--- | | **Purpose** | Still photography (strobe) | Video recording / Flashlight | | **Duration** | Short pulse (milliseconds) | Continuous | | **Current Level** | High (Up to 1.5A) | Low (Programmable) | | **Battery Impact** | High instantaneous drain | Constant low-to-mid drain |
    ✨ Follow-up Questions
    • ⤷ How does the TX Masking feature protect the battery in mobile designs?
    • ⤷ What are the recommended inductor specifications for a 3MHz switching frequency?
    • ⤷ Can the ADP1650 drive a single LED instead of dual LEDs?