Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ADP2303ARDZ-3.3-R7

  • AI
    ## ADP2303ARDZ-3.3-R7: Technical Overview The **ADP2303ARDZ-3.3-R7** is a non-isolated, synchronous step-down (buck) switching regulator manufactured by Analog Devices. It is designed to provide high efficiency and a small footprint for point-of-load conversion. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.0 V to 20 V | | **Output Voltage (Fixed)** | 3.3 V | | **Output Current** | Up to 3 A | | **Switching Frequency** | 700 kHz | | **Efficiency** | Up to 90% | | **Package Type** | 8-Lead SOIC (with Exposed Pad) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The device integrates several critical electronic components and circuits into a single chip: * **Integrated Power MOSFETs:** It contains high-side and low-side N-channel power MOSFETs. This integration reduces the need for external Schottky diodes and saves PCB space. * **PWM Control Circuitry:** Operates on a current-mode Pulse Width Modulation (PWM) scheme. This provides fast transient response and simplifies loop compensation. * **Internal Regulator:** An internal LDO generates the voltage required for the internal control circuitry from the input voltage (VIN). * **Precision Enable (EN):** A dedicated pin used to turn the device on or off. It has a precise threshold, allowing it to be used as a programmable Under-Voltage Lockout (UVLO). * **Soft Start (SS) Mechanism:** Internal circuitry that gradually increases the output voltage during startup to prevent inrush current. --- ### 3. Protection Features To ensure system reliability, the ADP2303 includes several safety mechanisms: 1. **Over-Current Protection (OCP):** Monitors the current through the MOSFETs and limits it to prevent damage during a short-circuit. 2. **Thermal Shutdown (TSD):** Automatically shuts down the device if the junction temperature exceeds approximately 150°C. 3. **Under-Voltage Lockout (UVLO):** Ensures the device does not attempt to operate when the input voltage is too low to drive the MOSFETs reliably. --- ### 4. Typical Application Circuit Requirements While the IC is highly integrated, it requires a few external "passive" components to function: ```yaml Components: Inductor (L): Required for energy storage (typically 4.7µH to 10µH). Input Capacitor (Cin): Ceramic capacitor to filter input noise. Output Capacitor (Cout): Ceramic capacitor to minimize output ripple. Bootstrap Capacitor (Cbst): Small capacitor required to drive the high-side N-FET. ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the layout recommendations for the exposed pad on the SOIC package?
    • ⤷ How does the 700 kHz switching frequency affect inductor selection?
    • ⤷ Can this part be used in an adjustable output configuration instead of fixed 3.3V?