Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ADP5052ACPZ-R7

  • AI
    The **ADP5052ACPZ-R7** is a high-performance, multi-output power management unit (PMU) manufactured by Analog Devices. It is designed for applications requiring multiple voltage rails in a compact footprint, such as FPGAs, DSPs, and complex processor-based systems. --- ### ## 1. Key Specifications The device integrates five high-performance regulators into a single chip. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5 V to 15 V | | **Regulators** | 4 Buck (Step-down) + 1 LDO | | **CH1 & CH2 Current** | 1.2 A / 2.5 A / 4 A (Programmable) | | **CH3 & CH4 Current** | 1.2 A | | **CH5 (LDO)** | 200 mA Low Dropout Regulator | | **Switching Frequency** | 250 kHz to 1.4 MHz (Resistor programmable) | | **Package** | 48-lead LFCSP (7mm x 7mm) | --- ### ## 2. Core Components and Functions ### ### Integrated Buck Regulators (Channels 1-4) These are synchronous step-down controllers that convert a high input voltage (e.g., 12V) into lower voltages required by digital logic (e.g., 1.0V, 1.8V, 3.3V). * **Phase Shifting:** The channels can be phase-shifted relative to each other to reduce input current ripple and minimize EMI. * **Precision Enable:** Each channel has a dedicated enable pin with a precise threshold, allowing for specific power-up sequencing. ### ### Low Dropout Regulator (Channel 5) A 200 mA LDO is included for sensitive analog rails or "keep-alive" power. It provides a clean, low-noise output. ### ### Advanced Control Features * **I2C Interface:** Allows for dynamic voltage scaling (DVS), status monitoring, and power-good masking via software. * **Programmable Soft Start:** Prevents inrush current during startup. * **External Synchronization:** Can be synced to an external clock to align switching noise with the rest of the system. --- ### ## 3. Typical Application Schematic Overview In a typical circuit design, the ADP5052 requires several external passive components: ```yaml Components: Inductors: One per Buck channel (L1, L2, L3, L4) to store energy. Capacitors: Low ESR Ceramic capacitors for input/output filtering. Resistors: Voltage divider networks to set output levels (if not using I2C). RT Resistor: Sets the master switching frequency. ``` --- ### ## 4. Protection Mechanisms The chip includes robust safety features to prevent damage to the PMU or the downstream processors: 1. **Thermal Shutdown (TSD):** Shuts down the device if junction temperature exceeds safety limits. 2. **Overcurrent Protection (OCP):** Individual cycle-by-cycle current limits for each regulator. 3. **Undervoltage Lockout (UVLO):** Ensures the chip doesn't operate if the input supply is too low for stable regulation. ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the ADP5052 and ADP5050?
    • ⤷ How do you configure the power-up sequencing for this chip?
    • ⤷ Can the buck regulators be operated in parallel for higher current output?