Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ADP7102ARDZ-2.5-R7

  • AI
    ## Technical Overview: ADP7102ARDZ-2.5-R7 The **ADP7102ARDZ-2.5-R7** is a high-performance, low-dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise voltage supply for sensitive analog and mixed-signal circuits. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 2.5 V | | **Input Voltage Range** | 3.3 V to 20 V | | **Maximum Output Current** | 300 mA | | **Dropout Voltage** | 200 mV (typical at 300 mA) | | **PSRR (10 kHz)** | 60 dB | | **Low Noise** | 15 µV rms (10 Hz to 100 kHz) | | **Package** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the ADP7102 consists of several critical electronic sections: 1. **Pass Transistor:** A P-channel MOSFET acts as the primary control element, regulating the current flow from input to output. 2. **Error Amplifier:** Compares the internal reference voltage against the output feedback to maintain a steady 2.5V. 3. **Internal Reference:** A high-precision, low-drift reference source that ensures voltage accuracy over temperature variations. 4. **Protection Circuitry:** * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safety limits. * **Short-Circuit Current Limit:** Protects the device and the load from overcurrent events. * **Reverse Current Protection:** Prevents current from flowing from the output back to the input. --- ### 3. Pin Configuration The 8-lead SOIC package includes an exposed pad for enhanced thermal dissipation. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | VOUT | Regulated output voltage (2.5 V). | | 2 | SENSE | Connect to VOUT to sense the output voltage. | | 3 | GND | Ground. | | 4 | NC | No internal connection. | | 5 | EN | Enable input. Drive high to turn on the regulator. | | 6 | GND | Ground. | | 7 | VIN | Input voltage supply. | | 8 | NC | No internal connection. | | EP | PAD | Exposed Pad. Must be soldered to the PCB ground plane for heat removal. | --- ### 4. Typical Application Circuit To ensure stability and performance, external capacitors are required. ```markdown VIN ----[ 2.2uF Capacitor ]----( VIN Pin ) ( VOUT Pin )----[ 2.2uF Capacitor ]---- VOUT (2.5V) ( EN Pin ) ---- Logic High/VIN ( GND Pin ) ---- System Ground ``` * **Input Capacitor:** A 2.2 µF ceramic capacitor is recommended to bypass noise and handle input transients. * **Output Capacitor:** A 2.2 µF ceramic capacitor (ESR < 1Ω) is required for loop stability. ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using the SOIC_N_EP package over a standard SOT-23?
    • ⤷ How does the Power Supply Rejection Ratio (PSRR) affect sensitive analog sensors?
    • ⤷ Can the EN pin be used for power sequencing in multi-rail systems?