ADP7159ARDZ-03-R7
AI

The **ADP7159ARDZ-03-R7** is a high-performance, ultra-low noise linear regulator (LDO) manufactured by Analog Devices. It is specifically designed for noise-sensitive applications where a clean power supply is critical.
---
### 1. Key Technical Specifications
The "03" in the part number indicates a specific fixed output voltage variant.
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 3.3V (Fixed) |
| **Input Voltage Range** | 2.3V to 5.5V |
| **Maximum Output Current** | 2.0 Amperes (2A) |
| **Noise Density** | 0.9 µV rms (100 Hz to 100 kHz) |
| **PSRR** | >60 dB at 10 kHz; >45 dB at 1 MHz |
| **Dropout Voltage** | ~200 mV (at 2A load) |
| **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) |
---
### 2. Core Functional Components
The internal architecture of the ADP7159 includes several critical electronic stages:
1. **Error Amplifier:** Compares the feedback voltage from the output against an internal reference to maintain tight regulation.
2. **Pass Transistor (PMOS):** Acts as the variable resistor that drops the input voltage to the desired output level.
3. **Noise Reduction Network:** Integrated circuitry that filters the internal reference voltage, resulting in the ultra-low noise floor characteristic of this series.
4. **Soft Start:** Limits the inrush current during power-up to prevent spikes.
5. **Thermal & Current Protection:** Internal sensors shut down the device if it exceeds safe operating temperatures or current limits.
---
### 3. Application Use Cases
Because of its extremely high Signal-to-Noise Ratio (SNR), this LDO is typically used in:
* **RF and Microwave Power:** Powering VCOs, PLLs, and Mixers.
* **Precision Analog:** Powering high-speed ADCs and DACs.
* **Communication Infrastructure:** Base stations and optical modules.
* **Medical Imaging:** Ultrasound and sensitive diagnostic equipment.
---
### 4. Part Number Breakdown
Understanding the suffix codes helps in sourcing the correct component:
| Code | Meaning |
| :--- | :--- |
| **ADP7159** | Base model number (Ultra-low noise 2A LDO) |
| **ARDZ** | Package designator (SOIC with Exposed Pad, Lead-free) |
| **03** | Fixed Voltage Option (3.3V) |
| **R7** | Packaging format (7-inch Reel, typically 1000 units) |
---
### 5. Essential Design Tips
```c
// Design Considerations:
1. Input Capacitor: Use a 10µF ceramic capacitor (X5R or X7R).
2. Output Capacitor: Use a 10µF ceramic capacitor for stability.
3. Thermal Pad: The "EP" (Exposed Pad) must be soldered to the PCB ground
plane to dissipate heat, as 2A of current can generate significant heat.
```
- ⤷What are the differences between the adjustable and fixed versions of the ADP7159?
- ⤷ How do I calculate the power dissipation for this LDO in my circuit?
- ⤷ Can this LDO be used in parallel to achieve 4A output?