Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ADR4520ARZ-R7

  • AI
    ## Technical Overview: ADR4520ARZ-R7 The **ADR4520ARZ-R7** is an ultra-low noise, high precision **Voltage Reference** manufactured by Analog Devices. It belongs to the ADR45xx family, which is specifically designed for high-resolution data acquisition systems. --- ### 1. Key Technical Specifications | Parameter | Specification | Note | | :--- | :--- | :--- | | **Output Voltage** | 2.048 V | Fixed output | | **Initial Accuracy** | ±0.02% (A Grade) | High precision | | **Temperature Coefficient** | 2 ppm/°C | Low drift over temperature | | **Input Voltage Range** | 3.0 V to 15 V | Flexible power supply | | **Output Noise (0.1Hz - 10Hz)** | 1 µV p-p | Extremely quiet | | **Package Type** | SOIC-8 | Surface mount | | **Operating Temperature** | -40°C to +125°C | Automotive/Industrial grade | --- ### 2. Core Features and Benefits * **Ultra-Low Noise:** The 1 µV peak-to-peak noise performance makes it ideal for 18-bit and 24-bit Analog-to-Digital Converters (ADCs). * **High Output Drive:** It can source up to **10 mA** and sink up to **10 mA**, which is significantly higher than many standard references, allowing it to drive heavy capacitive loads directly. * **Long-Term Stability:** Designed to maintain its accuracy over thousands of hours of operation (typically 25 ppm/1000 hours). * **Low Quiescent Current:** Consumes a maximum of 950 µA, balancing performance with power efficiency. --- ### 3. Typical Application Schematic When implementing the ADR4520, decoupling capacitors are essential for stability and noise reduction. ```mermaid graph LR Vin[Input Voltage 3V-15V] -->|0.1uF| V_IN V_IN[Pin 2: VIN] --- IC[ADR4520] IC --- V_OUT[Pin 6: VOUT] V_OUT -->|1uF - 10uF| Vref[2.048V Output] IC --- GND[Pin 4: GND] ``` ### 4. Common Applications 1. **Precision Data Acquisition:** Providing the reference voltage for high-end SAR and Sigma-Delta ADCs. 2. **Instrumentation:** Used in laboratory-grade multimeters and chemical analysis equipment. 3. **Medical Equipment:** High-stability reference for MRI or patient monitoring sensors. 4. **Industrial Automation:** Process control systems requiring consistent accuracy across wide temperature ranges. --- ### 5. Part Number Breakdown * **ADR4520**: The core series (2.048V Output). * **A**: Grade (referring to initial accuracy and tempco). * **RZ**: Package identifier (R = SOIC, Z = RoHS Compliant). * **R7**: Packaging format (7-inch Tape and Reel).
    ✨ Follow-up Questions
    • ⤷ What are the layout best practices to maintain the 2 ppm/°C temperature drift?
    • ⤷ How does the ADR4520 compare to the ADR440 series in terms of noise?
    • ⤷ Can I use this part without an output capacitor?