Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ADT12A80IS

  • AI
    ## Overview of the ADT12A80IS The **ADT12A80IS** is a high-performance **Triac** (Triode for Alternating Current) designed for high-voltage and high-current AC switching applications. It is commonly used in power control circuits where reliable switching of mains electricity is required. --- ### Key Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Component Type** | Triac | Bidirectional thyristor | | **IT(RMS)** | 12 A | Maximum RMS on-state current | | **VDRM/VRRM** | 800 V | Repetitive peak off-state voltage | | **IGT** | ≤ 35 mA | Gate trigger current (Quadrant I-III) | | **Package** | TO-220F / TO-220 | Standard power transistor package | | **Operating Temp** | -40°C to +125°C | Thermal range for industrial use | --- ### Internal Structure and Operation The ADT12A80IS acts as a solid-state switch. Unlike a mechanical relay, it has no moving parts and can switch rapidly. 1. **Main Terminals (T1 & T2):** These are the load-carrying terminals. The device controls the flow of AC current between these two points. 2. **Gate (G):** A small current applied to this pin triggers the device into a conductive state. 3. **Bidirectional Flow:** Because it is a Triac, it can conduct current in both directions of the AC cycle once triggered, making it ideal for AC dimming and motor control. --- ### Common Applications * **Motor Speed Control:** Used in vacuum cleaners, power tools, and kitchen appliances. * **Static Switching:** Replacement for mechanical relays in heating elements or solenoids. * **Light Dimming:** Phase-cut dimming for incandescent or compatible LED lighting. * **Industrial Controls:** Temperature regulation in ovens and furnaces. --- ### Technical Considerations * **Isolation:** The "IS" suffix often denotes an **Internally Isolated** package (TO-220F), meaning the metal tab is electrically isolated from the internal die. This simplifies heat sink mounting. * **Snubber Circuits:** In inductive loads (like motors), a snubber circuit (Resistor + Capacitor) is often recommended to prevent accidental triggering due to high $dV/dt$ (voltage spikes). * **Heat Dissipation:** At 12 Amps, the device will generate significant heat. A proper heat sink is mandatory to prevent thermal runaway.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADT12A80IS and a standard SCR?
    • ⤷ How do I calculate the heat sink size for a 12A Triac?
    • ⤷ Can this Triac be controlled directly by an Arduino or microcontroller?