Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AF3074FST

  • AI
    The **AF3074FST** is an integrated circuit, typically categorized as a **Synchronous Step-Down (Buck) Converter**. These components are essential in modern electronics for efficient voltage regulation, converting a higher input voltage into a lower, stable output voltage. --- ## 1. Core Specifications The AF3074FST is designed for high-efficiency power management. While specific manufacturer datasheets may vary slightly, the typical parameters for this series are: | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V | | **Output Current** | Up to 3A | | **Switching Frequency** | ~500 kHz to 600 kHz | | **Package Type** | SOP-8 (Exposed Pad) | | **Efficiency** | Up to 95% | | **Topology** | Synchronous Rectification | --- ## 2. Key Internal Components The "Electronic Parts" inside or associated with the AF3074FST system include: ### A. Integrated MOSFETs Unlike non-synchronous converters that require an external Schottky diode, the AF3074FST integrates both the **High-Side** and **Low-Side MOSFETs**. * **High-Side:** Controls the energy flow from the input. * **Low-Side:** Replaces the diode to reduce power loss during the "off" cycle, significantly increasing efficiency. ### B. Feedback Network The IC uses a feedback pin (FB) to monitor the output voltage. By comparing this to an internal 0.8V or 0.76V reference, it adjusts the pulse-width modulation (PWM) to maintain a steady output. ### C. Protection Circuitry The chip contains several safety mechanisms: * **Over Current Protection (OCP):** Limits peak current to prevent damage. * **Thermal Shutdown:** Turns off the IC if the temperature exceeds safety limits (usually ~150°C). * **UVLO (Under Voltage Lockout):** Ensures the chip doesn't operate until the input voltage is high enough to be stable. --- ## 3. Required External Components To function as a complete power supply, the AF3074FST requires the following external parts: 1. **Inductor (L1):** Typically 2.2µH to 10µH. It stores energy during the switching cycle. 2. **Input Capacitor ($C_{IN}$):** Usually a 10µF–22µF ceramic capacitor to filter input noise. 3. **Output Capacitor ($C_{OUT}$):** Usually 22µH–44µH to smooth the output ripple. 4. **Resistor Divider ($R_1, R_2$):** Connected to the FB pin to set the specific output voltage (e.g., 3.3V or 5V). --- ## 4. Typical Application Circuit ```text Input (12V) ----[Cin]----[ AF3074FST ]----[Inductor]---- Output (5V) | | [Feedback]----------+----[Cout]---- GND ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor values for a specific output voltage?
    • ⤷ What are the common causes of failure for this specific IC?
    • ⤷ Can this IC be used for battery-powered applications?