Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AIAS-02-R22K

  • AI
    The **AIAS-02-R22K** is a specific surface-mount (SMD) power inductor. This component is designed to store energy in a magnetic field and is typically used in power management circuits to filter signals or regulate voltage. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.22 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by 'K') | | **Package/Case** | SMD (Standard 02 Series) | | **DC Resistance (DCR)** | Typically very low (mΩ range) | | **Core Material** | Ferrite or Composite (depending on sub-series) | --- ### 2. Physical Characteristics As an SMD component, the AIAS-02 series is designed for automated pick-and-place assembly. * **Miniaturization:** Its small footprint allows for high-density PCB layouts. * **Termination:** Features solderable end-caps for robust mechanical and electrical connections. * **Shielding:** Usually features a non-shielded or semi-shielded design depending on the specific application requirement for EMI. --- ### 3. Key Electronic Functions In a circuit, the AIAS-02-R22K performs three primary roles: 1. **Filtering:** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency noise (EMI/RFI). 2. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy during the "on" cycle and releases it during the "off" cycle to maintain a steady output voltage. 3. **Impedance Matching:** Used in RF or signal processing circuits to match the impedance between different stages. --- ### 4. Common Applications Due to its low inductance value (0.22 µH), this part is commonly found in high-frequency switching environments: * **Mobile Devices:** Power management for smartphones and tablets. * **Computing:** Localized voltage regulation on motherboards. * **DC-DC Converters:** High-speed switching power supplies. * **Network Equipment:** Filtering for high-speed data lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irat) for the AIAS-02-R22K?
    • ⤷ How does the 'K' tolerance affect circuit performance compared to a 'J' tolerance?
    • ⤷ What are the recommended soldering profiles for this SMD component?