Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ALDN-13-R

  • AI
    The **ALDN-13-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Inductor** or a high-frequency **Common Mode Choke**, often manufactured by companies like **Arisun** or similar specialty magnetic component producers. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The following table represents the typical parameters for the ALDN-13-R series: | Feature | Specification | | :--- | :--- | | **Component Type** | Common Mode Choke / Inductor | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Inductance** | Variable (typically in the $\mu$H range) | | **Rated Current** | Usually between 0.5A to 2.0A (depending on sub-type) | | **DC Resistance (DCR)** | Low (typically < 0.5 $\Omega$) | | **Operating Temperature** | -40°C to +125°C | | **RoHS Compliance** | Yes (Lead-Free) | --- ### 2. Core Functional Parts The ALDN-13-R is composed of three primary electronic elements: 1. **Magnetic Core:** Usually a Ferrite core. This material is chosen for its high permeability, which allows for effective noise suppression at high frequencies without saturating easily. 2. **Windings:** Copper wire wound around the core. In a "Common Mode" configuration, two wires are wound together to cancel out electromagnetic interference (EMI). 3. **Termination (Pads):** The "R" in the suffix often denotes **RoHS compliance** or a specific **Reel packaging**. The pads are tin-plated to ensure reliable soldering onto a PCB. --- ### 3. Common Applications This part is engineered for signal integrity and power management. Its primary roles include: * **EMI Suppression:** Filtering out high-frequency noise in data lines. * **DC/DC Converters:** Used in the input/output stages to smooth current ripples. * **Communication Ports:** Often found in USB, HDMI, or Ethernet interface circuits to prevent electromagnetic leakage. * **Consumer Electronics:** Power supply modules for laptops, tablets, and LED drivers. --- ### 4. Circuit Symbol and Footprint In a schematic diagram, the ALDN-13-R is represented as two coupled inductors (if it is a common mode choke) or a single inductor coil. ```text Schematic Representation: L1 --###-- L2 --###-- (Common Mode Configuration) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the ALDN-13-R variant?
    • ⤷ Can this part be used in automotive-grade high-temperature environments?
    • ⤷ What are the physical dimensions (footprint) of the ALDN-13-R?