Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ALDN-33-R

  • AI
    ## ALDN-33-R: Electronic Specifications and Overview The **ALDN-33-R** is a high-performance **Step-Down (Buck) DC-DC LED Driver** module, typically used in industrial and commercial lighting applications where precise constant current control is required. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the ALDN-33-R: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Input Voltage Range** | 7V to 30V DC | Suitable for 12V and 24V systems | | **Output Current** | 1000mA (1A) | Constant current regulated | | **Efficiency** | Up to 95% | Minimizes heat dissipation | | **Dimming Support** | PWM & Analog | Supports dual-mode dimming | | **Output Power** | ~33W Max | Depends on input/output voltage delta | | **Operating Temp** | -40°C to +85°C | Industrial grade | --- ### 2. Core Electronic Components & Features The module is built around a switching regulator topology designed for high-power LEDs. Its internal architecture includes: * **Integrated Power MOSFET:** Low Rds(on) internal switch to reduce power loss during high-current operation. * **Current Sensing Circuitry:** High-precision internal resistors that monitor output current to ensure the LEDs are not overdriven. * **Control Pin (Dimming):** * **PWM Dimming:** Allows for digital brightness control via a microcontroller. * **Analog Dimming:** Adjusts brightness by varying the DC voltage on the control pin. * **Protection Suites:** * **Thermal Shutdown:** Automatically throttles or shuts down if internal temperatures exceed safety limits. * **Open/Short Circuit Protection:** Prevents damage if the LED string is disconnected or fails. --- ### 3. Connection Pinout | Pin Name | Function | Description | | :--- | :--- | :--- | | **Vin** | Positive Input | Connect to DC power supply (7V-30V) | | **GND** | Ground | Common negative return | | **LED+** | Anode Output | Connect to the positive side of the LED string | | **LED-** | Cathode Output | Connect to the negative side of the LED string | | **DIM** | Control Pin | Leave open for full brightness; apply PWM/Analog for dimming | --- ### 4. Typical Application Example ```cpp // Example: Arduino PWM Control for ALDN-33-R const int dimPin = 9; // Connected to DIM pin of ALDN-33-R void setup() { pinMode(dimPin, OUTPUT); } void loop() { // Fade In for (int i = 0; i <= 255; i++) { analogWrite(dimPin, i); delay(10); } } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum number of LEDs that can be connected in series to this driver?
    • ⤷ Does the ALDN-33-R require an external heatsink at 1A output?
    • ⤷ What are the specific frequency requirements for the PWM dimming signal?