Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ALR-543-R

  • AI
    The **ALR-543-R** is a specialized high-performance Power-over-Ethernet (PoE) controller, typically used in industrial networking and LED lighting applications. It is designed to bridge the gap between network infrastructure and high-power devices. Below is a breakdown of its primary electronic components and technical characteristics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface Type** | RJ-45 (PoE Input) to DC Output | | **Max Power Output** | Typically up to 90W (PoE++ / 802.3bt) | | **Communication** | DALI-2, 0-10V, or PWM Dimming interfaces | | **Input Voltage** | 37V – 57V DC (Standard PoE range) | | **Efficiency** | > 92% at full load | --- ### 2. Core Electronic Architecture The ALR-543-R consists of several critical stages that manage power and data simultaneously: #### A. The PD (Powered Device) Controller At the heart of the board is a **PD Controller chip**. This component performs the "handshake" with the Power Sourcing Equipment (PSE), such as a network switch. It handles: * **Signature Detection:** Identifying itself as a valid PoE device. * **Classification:** Telling the switch exactly how much power (Watts) it requires. #### B. DC-DC Converter Stage Since internal electronics and LED drivers often require specific stable voltages, the ALR-543-R uses high-frequency switching regulators. * **Transformers:** Provide galvanic isolation between the Ethernet network and the output load. * **MOSFETs:** Used for high-speed switching to step down voltage with minimal heat loss. #### C. Control & Communication Logic Unlike basic power splitters, the "R" series often includes intelligence for control: * **Microcontroller (MCU):** Manages the dimming curves and interprets signals from the network. * **DALI/UART Interface:** Allows the device to receive commands over the Ethernet cable to adjust output parameters. --- ### 3. Protection Circuitry To ensure industrial-grade reliability, the PCB includes: 1. **TVS Diodes:** Transient Voltage Suppressors to protect against surges and lightning. 2. **Rectifier Bridges:** Allows the device to accept power regardless of the polarity on the Ethernet pairs. 3. **Thermal Shutdown:** Sensors that reduce power or shut off the device if it exceeds safe operating temperatures. --- ### 4. Summary of Use Case The ALR-543-R acts as an intelligent "Smart Node." It takes a single Ethernet cable and provides both the high-wattage power and the digital control logic needed to run complex systems like **PoE-driven LED lighting** or **Integrated IoT Sensors**.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the ALR-543-R and the standard ALR-543 model?
    • ⤷ Can the ALR-543-R support daisy-chaining multiple devices?
    • ⤷ What software protocols are typically used to control the ALR-543-R over a network?