Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ALTG-543-R

  • AI
    The **ALTG-543-R** is a specific electronic component primarily categorized as an **Infrared (IR) Receiver Module**. These modules are commonly used for remote control detection in consumer electronics. --- ### 1. Key Technical Specifications The ALTG-543-R is designed to receive modulated IR signals and convert them into digital electrical signals. | Feature | Specification (Typical) | | :--- | :--- | | **Carrier Frequency** | 38 kHz (Standard for most IR remotes) | | **Supply Voltage (Vcc)** | 2.7V to 5.5V | | **Peak Wavelength** | 940 nm | | **Reception Distance** | Up to 15-20 meters | | **Output Type** | Active Low (Digital) | | **Power Consumption** | Low (approx. 0.5mA to 1.5mA) | --- ### 2. Internal Electronic Architecture The device is not just a sensor; it is an Integrated Circuit (IC) that includes several sub-components inside its epoxy package: 1. **Photodiode:** Captures the incoming infrared light. 2. **Preamplifier:** Boosts the weak electrical signal from the photodiode. 3. **Automatic Gain Control (AGC):** Adjusts sensitivity to filter out ambient light noise. 4. **Band Pass Filter:** Specifically tuned to the carrier frequency (38 kHz) to ignore other light sources (like sunlight or fluorescent bulbs). 5. **Demodulator:** Removes the 38 kHz carrier wave, leaving only the data pulse. --- ### 3. Pinout Configuration The ALTG-543-R typically features a 3-pin layout. While you should always check the specific datasheet for your manufacturer, the standard layout is: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **OUT** | Data output (connects to MCU/Microcontroller) | | 2 | **GND** | Ground (0V) | | 3 | **Vcc** | Power Supply (Typically 5V) | --- ### 4. Implementation Example To use this part with a microcontroller like an Arduino, you connect the output pin to a digital input. ```cpp // Basic Arduino read for IR Receiver int irPin = 2; // Connected to 'OUT' of ALTG-543-R void setup() { pinMode(irPin, INPUT); Serial.begin(9600); } void loop() { int signal = digitalRead(irPin); if (signal == LOW) { Serial.println("IR Signal Detected!"); } } ``` --- ### 5. Common Applications * **Consumer Electronics:** TV, DVD, and Air Conditioning remote control receivers. * **Industrial:** Non-contact object detection or optical switches. * **Robotics:** IR-based obstacle avoidance or remote control movement.
    ✨ Follow-up Questions
    • ⤷What are the differences between 38kHz and 56kHz IR receivers?
    • ⤷ How do I filter out noise if the ALTG-543-R is triggered by sunlight?
    • ⤷ Can this module be used for high-speed data transmission?