Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AM25LS2520LCB

  • AI
    The **AM25LS2520LCB** is a high-performance integrated circuit (IC) belonging to the Advanced Low-Power Schottky (ALS/LS) family. It is specifically a **8-Bit Register with Three-State Outputs**, primarily designed for high-speed computer architecture and digital signal processing applications. --- ### 1. General Specifications The AM25LS2520 series is known for providing the functionality of a D-type register with enhanced control lines, often used in bus-oriented systems. | Feature | Specification | | :--- | :--- | | **Logic Family** | Low-Power Schottky (LS) | | **Function** | 8-Bit Register (Octal) | | **Output Type** | 3-State (Tri-state) | | **Package Type** | LCC (Leadless Chip Carrier) - indicated by "LC" | | **Temperature Range** | B-Suffix usually denotes Military/Extended Grade | | **Supply Voltage (Vcc)** | 5.0V Typ (Standard TTL levels) | --- ### 2. Key Functional Components The device consists of eight edge-triggered D-type flip-flops. Below are the critical electronic components and pins within the IC logic: #### A. Data Inputs (D0 - D7) These are the 8 parallel lines where data is presented to be stored in the register. #### B. Clock (CP) The register is **edge-triggered**. On the positive transition (low-to-high) of the clock pulse, the data present at the D inputs is loaded into the internal flip-flops. #### C. Output Enable ($\overline{OE}$) This control line manages the 3-state outputs: * **LOW:** The stored data is active on the output bus. * **HIGH:** The outputs are in a High-Z (High Impedance) state, effectively disconnecting the device from the bus. #### D. Clear ($\overline{CLR}$) / Preset Depending on the specific sub-variant of the 2520, there is typically an asynchronous Clear input that allows the register to be reset to zero regardless of the clock signal. --- ### 3. Electronic Characteristics Because this is an "LS" (Low-Power Schottky) device, it balances speed and power consumption using Schottky-clamped transistors. * **Switching Speed:** High-speed bipolar technology allows for propagation delays typically in the range of 10ns to 20ns. * **Fan-out:** Designed to drive high-capacitance loads or low-impedance backplanes common in 8-bit and 16-bit bus systems. * **Glitch Free:** The internal architecture is designed to prevent "glitching" on the output lines during power-up or state transitions. --- ### 4. Applications The AM25LS2520LCB is commonly found in: 1. **Buffer Registers:** Acting as an interface between a CPU and a data bus. 2. **I/O Ports:** Managing data flow to peripheral devices. 3. **Memory Address Latches:** Holding addresses constant during memory read/write cycles. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the LCC and DIP versions of this IC?
    • ⤷ How does the power consumption of the LS family compare to the CMOS (HC/HCT) equivalents?
    • ⤷ Can the AM25LS2520 handle 3.3V logic levels safely?