Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AM2D-2415D-RZ

  • AI
    The **AM2D-2415D-RZ** is a high-performance, compact DC-DC converter manufactured by **Aimtec**. It is designed to provide regulated dual output voltages from a standard 24V input, typically used in industrial and telecommunications applications. --- ### ## Technical Specifications The following table summarizes the primary electrical characteristics of the AM2D-2415D-RZ: | Parameter | Specification | | :--- | :--- | | **Input Voltage (Nominal)** | 24 VDC | | **Input Voltage Range** | 21.6 – 26.4 VDC (±10%) | | **Output Voltage** | ±15 VDC (Dual Output) | | **Output Current** | ±67 mA | | **Max Power Output** | 2 Watts | | **Isolation Voltage** | 1000 VDC | | **Package Type** | DIP7 (Dual In-line Package) | | **Efficiency** | ~75% to 80% | | **Operating Temperature** | -40°C to +85°C | --- ### ### Key Features and Components 1. **Dual Output Configuration:** Unlike single-output converters, this part provides both +15V and -15V rails. This is essential for powering **Operational Amplifiers (Op-Amps)**, DACs, and ADCs that require symmetrical power supplies. 2. **Galvanic Isolation:** It provides 1000VDC isolation between the input and output circuits. This protects sensitive downstream components from input-side voltage spikes and eliminates ground loops. 3. **Short Circuit Protection:** The "RZ" suffix indicates specific design revisions that usually include internal protection mechanisms to prevent damage during momentary output shorts. 4. **Compact Form Factor:** The DIP7 footprint allows for high-density PCB mounting, saving significant board space compared to discrete transformer-based power designs. --- ### ### Typical Application Circuit When integrating the AM2D-2415D-RZ, it is recommended to use external capacitors to reduce ripple and noise. ```c // Basic Connection Diagram [Input 24V] ----( +Vin )-------[ AM2D-2415D-RZ ]-------( +Vout )---- [+15V] [Input GND] ----( -Vin )-------[ ]-------( Common )--- [ 0V ] [ ]-------( -Vout )---- [-15V] // Recommended Filtering // Add a 4.7µF electrolytic capacitor at the input. // Add 1µF - 10µF ceramic capacitors at each output rail. ``` --- ### ### Common Use Cases * **Analog Circuits:** Powering precision instrumentation amplifiers. * **Industrial Automation:** Isolating control signals from 24V factory power rails. * **Data Acquisition:** Providing clean, symmetrical power to sensors. * **Telecom Equipment:** Distributing power in distributed architecture systems.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the DIP7 package of this converter?
    • ⤷ Can this converter be used with a 12V input instead of 24V?
    • ⤷ What is the maximum ripple and noise level for the ±15V outputs?