Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AM3T-4818D-RZ

  • AI
    The **AM3T-4818D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to the AM3T series, which is designed to provide regulated output power in a compact package, commonly used in industrial and communication applications. ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 18V to 72V DC (48V Nominal) | | **Output Voltage** | Dual $\pm$18V DC | | **Output Current** | $\pm$83 mA | | **Max Power Output** | 3 Watts | | **Isolation Voltage** | 1500 VDC | | **Package Type** | DIP24 (Plastic case) | | **Efficiency** | ~82% Typical | --- ### 2. Functional Components & Architecture Internally, the AM3T-4818D-RZ consists of several critical electronic stages: * **Input Filter:** Includes an internal Pi-network filter to minimize electromagnetic interference (EMI) and reflected ripple current. * **PWM Controller:** A Pulse Width Modulation circuit that regulates the output voltage by switching the input power at high frequencies. * **Isolation Transformer:** Provides galvanic isolation between the input and output circuits, protecting sensitive downstream components from high-voltage surges. * **Rectification & Smoothing:** Uses high-speed diodes and capacitors to convert the high-frequency AC from the transformer back into stable DC. * **Feedback Loop:** An optocoupler-based feedback system ensures the output remains at exactly $\pm$18V regardless of input fluctuations (within the 18-72V range). --- ### 3. Pinout Configuration (DIP24) The device uses a standard 24-pin Dual In-line Package layout. Key pins include: | Pin Number | Function | Description | | :--- | :--- | :--- | | **2, 3** | -Vin | Negative Input Voltage | | **22, 23** | +Vin | Positive Input Voltage | | **14** | +Vout | Positive Output (+18V) | | **16** | Common | Common Ground for Outputs | | **11** | -Vout | Negative Output (-18V) | | **9, 15** | NC | No Connection | --- ### 4. Protection Features To ensure longevity and reliability, the converter includes several built-in protections: * **Continuous Short Circuit Protection:** The device will shut down or limit current if the output is shorted, recovering automatically once the fault is removed. * **Wide 4:1 Input Range:** It can handle significant drops or spikes in the supply voltage (common in battery-operated or unstable industrial grids). * **Operating Temperature:** Rated for operation between **-40°C to +85°C**, making it suitable for harsh environments.
    ✨ Follow-up Questions
    • ⤷ What are the typical applications for a dual output DC-DC converter like this?
    • ⤷ How does the 4:1 input range benefit battery-powered systems?
    • ⤷ What external components are recommended to further reduce EMI for this part?