Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AM3TW-RVZ

  • AI
    ## AM3TW-RVZ: Overview and Technical Specifications The **AM3TW-RVZ** is a high-performance **DC-DC Converter** manufactured by **Aimtec**. It belongs to the 3 Watt series, specifically designed for industrial and medical applications where high isolation and a wide input range are critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Power Rating** | 3 Watts | | **Input Voltage Range** | 4:1 Ultra-wide (e.g., 9-36VDC or 18-75VDC) | | **Isolation Voltage** | 3000 to 6000 VDC (model dependent) | | **Package Type** | DIP24 (Dual In-line Package) | | **Efficiency** | Up to 84% | | **Operating Temperature** | -40°C to +85°C | | **Output Type** | Single or Dual Output | --- ### 2. Electronic Component Breakdown The AM3TW-RVZ is a "brick" style module containing several integrated electronic stages: * **Input Filter:** Typically includes an internal Pi-filter to minimize electromagnetic interference (EMI) and reflected ripple current. * **Switching Controller:** A high-frequency PWM (Pulse Width Modulation) controller that manages power conversion efficiency. * **Isolation Barrier:** Uses a high-grade transformer to provide galvanic isolation between the input and output circuits, protecting sensitive loads from high-voltage surges. * **Rectification & Smoothing:** Utilizes high-speed diodes and low-ESR capacitors to convert the high-frequency AC from the transformer back into stable DC. --- ### 3. Common Applications * **Medical Equipment:** High isolation (RVZ suffix often denotes reinforced insulation) makes it suitable for patient-connected devices. * **Industrial Controls:** Used in PLC (Programmable Logic Controller) systems where ground loops must be eliminated. * **Data Communication:** Provides stable power for remote sensors and communication modules. --- ### 4. Circuit Implementation Example To use this component in a design, standard practice involves adding external capacitors to ensure stability: ```cpp // Typical Hardware Configuration Input PIN (V+) ----[ Fuse ]----[ 100uF Cap ]---- AM3TW Vin (+) Input PIN (V-) ----------------[ 100uF Cap ]---- AM3TW Vin (-) Output PIN (+) ----[ 10uF Cap ]---- Load (+) Output PIN (-) ----[ 10uF Cap ]---- Load (-) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage range for the AM3TW-2405S-RVZ model?
    • ⤷ Does this series include short circuit protection?
    • ⤷ What are the physical dimensions of the DIP24 package used by Aimtec?