Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AM5TW-RZ

  • AI
    The **AM5TW-RZ** series is a family of high-performance, ultra-wide input voltage DC-DC converters manufactured by **Aimtec**. These components are specifically designed for industrial, railway, and telecommunication applications where power stability and isolation are critical. --- ## 1. Core Technical Specifications The AM5TW-RZ series is characterized by its 5-watt output capacity and 4:1 wide input range. | Feature | Specification | | :--- | :--- | | **Power Rating** | 5 Watts | | **Input Voltage Ranges** | 9-36 VDC or 18-72 VDC | | **Isolation Voltage** | 3000 VDC (Standard) | | **Efficiency** | Up to 85% | | **Package Style** | DIP24 (Plastic or Metal) | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Key Electronic Components & Internal Design The internal circuitry of the AM5TW-RZ utilizes several critical sub-systems to ensure reliable power conversion: ### A. Input Filter (Pi-Network) Most models in this series include an internal **Pi-filter ($\pi$)**. This electronic arrangement consists of two capacitors and an inductor, which helps: * Reduce reflected ripple current. * Minimize Electromagnetic Interference (EMI) feedback to the primary power source. ### B. Pulse Width Modulation (PWM) Controller The "heart" of the converter is a high-frequency PWM controller. It regulates the output voltage by adjusting the duty cycle of the switching transistors based on the feedback received from the output side. ### C. Isolation Barrier (Transformer) To achieve the **3000 VDC isolation**, the device uses a high-grade pulse transformer. This component ensures there is no direct electrical path between the input (source) and output (load), protecting sensitive downstream electronics from high-voltage surges. ### D. Protection Circuitry The device integrates several protective electronic layers: * **Continuous Short Circuit Protection:** Uses a "hiccup mode" to prevent the device from overheating during a fault. * **Over Voltage Protection (OVP):** Clamps the output if the internal feedback loop fails. --- ## 3. Typical Application Schematic When integrating the AM5TW-RZ, designers usually follow this basic layout: ```mermaid graph LR A[Input DC] --> B[External Fuse] B --> C[Input Capacitor] C --> D{AM5TW-RZ} D --> E[Output Capacitor] E --> F[Load] ``` ### Component Recommendations: * **Input Capacitor:** Usually a 100µF electrolytic capacitor to handle input voltage dips. * **Output Capacitor:** A low ESR (Equivalent Series Resistance) capacitor (10µF to 47µF) to further reduce output noise. --- ## 4. Part Number Breakdown Understanding the suffix helps identify specific electronic capabilities: * **AM5TW:** Series identifier (5 Watts, 4:1 Input). * **-2405:** Indicates 24V nominal input and 5V output. * **S / D:** **S**ingle output (e.g., 5V) or **D**ual output (e.g., ±12V). * **RZ:** The specific package/pinout configuration.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the single and dual output versions of the AM5TW-RZ?
    • ⤷ Does this series require external heat sinking for full load operation at 85°C?
    • ⤷ How does the 3000VDC isolation compare to the standard AM5T series?