AMELA4012S-R68M
AI

The **AMELA4012S-R68M** is a high-performance, surface-mount (SMD) power inductor typically used in DC-DC converters and power supply modules. It is part of a series designed for high-density electronic circuits.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **Case Size** | 4012 (approx. 4.0 x 4.0 x 1.2 mm) |
| **Mounting Type** | Surface Mount (SMD) |
| **Core Material** | Metal Alloy / Iron Powder (Molding type) |
| **Shielding** | Shielded (Magnetic Resin) |
---
## 2. Key Features
* **Low Profile:** The "12" in the name indicates a height of roughly 1.2mm, making it ideal for slim devices like smartphones and laptops.
* **High Saturation Current:** Because it uses a metal alloy molding, it handles high current peaks without the inductance dropping sharply.
* **Magnetic Shielding:** The construction reduces electromagnetic interference (EMI), which is critical for sensitive nearby components.
* **Low DCR (DC Resistance):** Designed to minimize power loss as heat, increasing the efficiency of the power circuit.
---
## 3. Component Breakdown (Nomenclature)
Understanding the part number helps in identifying replacements or alternatives:
| Segment | Meaning |
| :--- | :--- |
| **AMELA** | Series Identifier (Automotive/Industrial High-grade Inductor) |
| **4012** | Dimensions (4.0mm Length x 4.0mm Width x 1.2mm Height) |
| **S** | Type/Standard Code |
| **R68** | Inductance Value (R denotes the decimal; R68 = 0.68 µH) |
| **M** | Tolerance (M = ±20%) |
---
## 4. Typical Applications
* **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs.
* **DC-DC Converters:** Buck or Boost converters in portable electronics.
* **Automotive Electronics:** Infotainment systems and ADAS sensors (if AEC-Q200 qualified).
* **Smartphones/Tablets:** Power management for batteries and screens.
- ⤷
What is the maximum rated current for the AMELA4012S-R68M?
- ⤷ Are there AEC-Q200 automotive-grade versions of this inductor?
- ⤷ What is the recommended solder profile for this SMD component?