Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • APL0093.19-R

  • AI
    The **APL0093.19-R** is a specific electronic component, typically categorized as a high-density interconnect (HDI) or a specialized integrated circuit (IC) package part, often found in Apple’s hardware ecosystem (specifically within the power management or logic control circuitry of iPhones and iPads). Below is a breakdown of its technical classification, function, and specifications. --- ### 1. General Classification | Category | Specification | | :--- | :--- | | **Component Type** | Power Management IC (PMIC) / Interface Controller | | **Manufacturer** | Apple (Proprietary Design) | | **Common Application** | iPhone Logic Boards (e.g., iPhone 11 series and later) | | **Package Type** | BGA (Ball Grid Array) | --- ### 2. Technical Functions The APL0093.19-R generally functions as a **secondary power management controller** or a **charging management interface**. Its primary roles include: * **Voltage Regulation:** Converts battery voltage into specific low-voltage rails required by the CPU (A-series chips) and RAM. * **Power Sequencing:** Ensures that different parts of the logic board turn on in the correct order to prevent short circuits or data corruption. * **Thermal Monitoring:** Communicates with thermistors located throughout the device to throttle power if temperatures exceed safe limits. * **Charging Logic:** Coordinates between the Lightning/USB-C controller and the battery to manage fast-charging protocols. --- ### 3. Pinout and Connectivity As a BGA component, the APL0093.19-R relies on a grid of solder balls beneath the chip. Maintenance and repair (micro-soldering) involve: 1. **I2C/SMBus Communication:** Used to talk to the primary PMIC and the Application Processor. 2. **GND (Ground) Pads:** Multiple pads dedicated to heat dissipation and electrical grounding. 3. **VCC/VDD:** Main power input pins. --- ### 4. Repair and Maintenance Data If you are troubleshooting a board containing this part, consider the following technical notes: * **Sensitivity:** Like most Apple-branded ICs, this part is highly sensitive to Electrostatic Discharge (ESD) and excessive heat during "reflow" or "reballing." * **Replacement Requirement:** Because it is a proprietary chip, it cannot be bought from standard retailers like Digikey or Mouser. It is usually harvested from "donor boards." * **Common Failure Symptoms:** * Device stuck at 0.01A or 0.02A on a DC power supply. * Failure to boot (No Power). * Partial loss of function (e.g., camera power rail missing). ---
    ✨ Follow-up Questions
    • ⤷ Which specific iPhone or iPad models use the APL0093.19-R chip?
    • ⤷ What are the safe temperature ranges for reballing this BGA component?
    • ⤷ How does the APL0093.19-R interface with the primary A-series processor?