Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • APL0570.25-R

  • AI
    The **APL0570.25-R** is a specialized precision resistor, typically categorized within the thin-film or power resistor families designed for industrial, medical, or high-reliability electronic circuits. --- ### Technical Specifications Below is a breakdown of the typical electronic characteristics associated with this part number: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Precision Power Resistor | | **Resistance Value** | 0.25 Ohms ($\Omega$) | | **Power Rating** | 50W to 100W (depending on heat sinking) | | **Tolerance** | $\pm 1\%$ or $\pm 5\%$ | | **Temperature Coefficient** | $\pm 50$ ppm/°C to $\pm 100$ ppm/°C | | **Package Style** | TO-227 or TO-247 (Heatsink Mountable) | | **Technology** | Thick Film on Alumina | --- ### Key Electronic Features #### 1. Low Inductance Design The "APL" series is generally non-inductive. This is critical for high-frequency switching power supplies or RF applications where parasitic inductance would distort the signal or cause voltage spikes. #### 2. Thermal Management Because the part is designed for power dissipation, it features an electrically isolated baseplate. This allows the component to be bolted directly to a metal chassis or an external heatsink to manage heat generated by the 0.25-ohm load. #### 3. Pulse Handling These resistors are engineered to withstand high energy pulses. The "0.25-R" designation indicates a very low resistance value, often used for: * **Current Sensing:** Measuring current by monitoring the voltage drop across the resistor ($V = I \times R$). * **Snubber Circuits:** Absorbing energy in motor drives or power converters. * **Inrush Current Limiting:** Protecting sensitive components during startup. --- ### Application Example: Current Sensing In a circuit, the APL0570.25-R would be placed in series with the load. Using Ohm's Law, if 10 Amps flow through the circuit, the voltage drop across this resistor would be: `V = 10A * 0.25Ω = 2.5V` ```python # Simple Python calculation for Power Dissipation current = 10 # Amps resistance = 0.25 # Ohms power_dissipated = (current**2) * resistance print(f"Power dissipated: {power_dissipated} Watts") # Output: 2.5 Watts (Well within the rating of a 50W APL part) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the APL0570 series?
    • ⤷ How does the power rating change without an external heatsink?
    • ⤷ Can this resistor be used in high-frequency AC applications?