APL0696-R_13
AI

Based on technical documentation and industry standards for mobile device hardware, the **APL0696-R_13** is a specialized power management integrated circuit (PMIC) designed by Apple. It is a critical component found in various iPhone and iPad models.
---
### 1. Component Identification
| Property | Description |
| :--- | :--- |
| **Part Number** | APL0696-R_13 |
| **Component Type** | Power Management Integrated Circuit (PMIC) |
| **Manufacturer** | Apple Inc. (Custom Silicon) |
| **Associated CPU** | Frequently paired with the A7 or A8 series Application Processors |
---
### 2. Key Functions
The APL0696-R_13 acts as the "electrical brain" for the device's power distribution. Its primary roles include:
* **Voltage Regulation:** Converts battery voltage into various lower voltages required by different subsystems (CPU, GPU, RAM, NAND).
* **Power Sequencing:** Ensures that different components turn on and off in the correct order to prevent hardware damage.
* **Battery Management:** Monitors battery levels and manages the charging cycle in coordination with the charging IC.
* **Thermal Monitoring:** Senses temperature fluctuations and can throttle power to prevent overheating.
---
### 3. Technical Architecture
The chip is typically a **Ball Grid Array (BGA)** package, meaning it is soldered to the logic board via a grid of microscopic solder balls.
```mermaid
graph LR
Battery --> APL0696
APL0696 --> CPU_Core
APL0696 --> SDRAM
APL0696 --> Display_Power
APL0696 --> Sensors
```
---
### 4. Common Faults & Symptoms
Because this chip handles high currents and heat, it is a common point of failure in aging devices. Typical symptoms of a faulty APL0696-R_13 include:
1. **No Power:** The device fails to boot even with a charged battery.
2. **Short Circuits:** High heat generation on a specific area of the logic board (detected via thermal camera).
3. **Boot Loops:** The device restarts indefinitely because a specific voltage rail is unstable.
4. **Charging Issues:** Failure to recognize the charger or extremely slow charging.
---
### 5. Repair Considerations
Repairing or replacing this chip requires advanced microsoldering skills:
* **Underfill:** Apple often applies a hard resin (underfill) around the chip to prevent physical damage, which must be carefully removed with heat.
* **Reballing:** If the chip is functional but the connection is broken, it must be removed, cleaned, and "reballed" with fresh solder spheres.
- ⤷
What are the specific voltage rails managed by the APL0696-R_13?
- ⤷ Which iPhone models specifically use this PMIC part number?
- ⤷ What is the procedure for removing underfill from this chip during repair?