Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • APL1825-R_13

  • AI
    The **APL1825-R_13** is a specialized electronic component, typically classified as a **Power Management Integrated Circuit (PMIC)** or a **Battery Management System (BMS)** controller, commonly found in mobile devices and laptop motherboards. --- ### 1. General Specifications The APL1825 series is designed to handle high-efficiency power distribution. Below is a summary of its general characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Power Management IC / Voltage Regulator | | **Package Type** | WLCSP (Wafer Level Chip Scale Package) | | **Primary Function** | Buck/Boost regulation and Power Sequencing | | **Typical Application** | Smartphones, Tablets, Portable Electronics | | **Manufacturer** | Often associated with Anpec Electronics or custom OEM branding | --- ### 2. Key Electronic Functions The APL1825-R_13 performs several critical roles within a circuit: 1. **Voltage Regulation:** It steps down (Buck) or steps up (Boost) the battery voltage to specific levels required by the CPU, GPU, or RAM. 2. **Power Sequencing:** It ensures that different components turn on in the correct order to prevent hardware damage or latch-up conditions. 3. **Thermal Protection:** It includes internal sensors to shut down or throttle power if the component exceeds safe operating temperatures. 4. **Current Limiting:** Protects the device from short circuits or over-current scenarios that could lead to board failure. --- ### 3. Pinout and Layout Logic While specific pin maps vary by the "R_13" revision, these chips generally follow a grid-based ball array (BGA/WLCSP): * **VIN (Input Voltage):** Connected to the main battery rail (VPH_PWR or VBAT). * **LX (Switching Nodes):** Connected to external inductors for DC-DC conversion. * **FB (Feedback):** Monitors output voltage to maintain stability. * **EN (Enable):** Logic input from the main processor to toggle power states. --- ### 4. Typical Integration Example In a standard circuit, the APL1825-R_13 interacts with peripheral components as follows: ```mermaid graph LR A[Battery] --> B(APL1825-R_13) B --> C[Inductor/Filter] C --> D[Processor Core] B -.-> E[I2C/SMBus Control] ``` --- ### 5. Repair and Handling Notes * **Sensitivity:** As a WLCSP/BGA component, it is highly sensitive to Electrostatic Discharge (ESD) and physical stress. * **Soldering:** Requires a reflow station or hot air rework tool with precise temperature profiles to avoid "popcorning" (internal delamination). * **Identification:** The "R_13" suffix usually denotes a specific firmware revision or output voltage configuration tailored for a specific motherboard model.
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of a faulty APL1825-R_13?
    • ⤷ Which specific motherboard models or devices use the APL1825-R_13?
    • ⤷ What is the recommended reflow temperature for WLCSP packages like this?