Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ARB-6141-R

  • AI
    The **ARB-6141-R** is a high-performance, ruggedized industrial motherboard (specifically an ATX form factor) designed by **ARBOR Technology**. It is primarily engineered for industrial automation, high-speed data processing, and vision inspection systems. --- ### Core Electronic Specifications | Component | Specification | | :--- | :--- | | **Chipset** | Intel® C236 or Q170 Express | | **CPU Support** | 6th/7th Gen Intel® Core™ i7/i5/i3, Pentium®, and Celeron® processors (LGA1151) | | **Memory** | 4 x 288-pin DDR4 DIMM sockets (Up to 64GB, 2133/2400 MHz) | | **Expansion Slots** | 1 x PCIe x16, 2 x PCIe x4, 4 x PCI slots | | **Storage** | 5 x SATA III (6.0 Gb/s) with RAID 0/1/5/10 support | | **Ethernet** | Dual Gigabit Ethernet (Intel® i219-LM & i210-AT) | --- ### Key Electronic Features #### 1. Power Management and Reliability The ARB-6141-R is built with industrial-grade capacitors and voltage regulators to ensure stability under 24/7 operation. It features an **ATX power input** (24-pin + 8-pin) and supports **Watchdog Timers** which trigger a system reset if the software hangs, a critical feature for remote deployments. #### 2. Extensive I/O Connectivity The board is rich in electronic interfaces to bridge legacy industrial hardware with modern computing: * **USB:** 6 x USB 3.0 ports and 4 x USB 2.0 ports. * **Serial Ports:** 6 x COM ports (RS-232/422/485 configurable) for PLC and sensor communication. * **Display:** Supports triple independent displays via DVI-I, HDMI, and DisplayPort. #### 3. High-Speed Data Bus The integration of the **Intel® C236/Q170 chipset** allows for high-bandwidth data transfer between the CPU and peripherals. This is particularly important for the PCIe x16 slot, which is often used for high-end frame grabbers or discrete GPUs in machine vision applications. --- ### Environmental and Physical Characteristics * **Form Factor:** ATX (305 mm x 244 mm). * **Operating Temperature:** 0°C to 60°C (32°F to 140°F). * **Storage Temperature:** -20°C to 80°C. * **Humidity:** 10% to 90% (non-condensing). ---
    ✨ Follow-up Questions
    • ⤷ Does the ARB-6141-R support ECC memory for data integrity?
    • ⤷ What are the specific power requirements for the 12V rails on this board?
    • ⤷ Which operating systems are officially supported by the ARB-6141-R drivers?