ARP2-3N-R
AI

The **ARP2-3N-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor**. These resistors are engineered for applications requiring high stability, low noise, and extreme accuracy.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Thin Film Precision Resistor |
| **Package / Case** | 0805 (Metric 2012) |
| **Resistance Tolerance** | ±0.1% (Common for this series) |
| **Power Rating** | 1/8W (0.125 Watts) |
| **Temperature Coefficient (TCR)** | ±25 ppm/°C |
| **Operating Temperature** | -55°C to +155°C |
---
### 2. Physical Construction
The ARP2-3N-R utilizes **Thin Film technology**, which differs significantly from standard Thick Film (General Purpose) resistors:
* **Substrate:** Usually high-grade Alumina ($Al_2O_3$) ceramic.
* **Resistive Layer:** A thin layer of metal film (typically Nichrome or Tantalum Nitride) is sputtered onto the substrate. This allows for more precise control over the resistance value.
* **Terminations:** Multi-layer electrode structure (usually involving Nickel and a Tin finish) to ensure excellent solderability and prevent leaching.
* **Protective Coating:** An epoxy or glass-based overcoat protects the element from moisture and mechanical damage.
---
### 3. Application Use Cases
Due to its high precision and low TCR (Temperature Coefficient of Resistance), this part is commonly used in:
1. **Medical Instrumentation:** Where signal integrity and measurement accuracy are critical.
2. **Audio Equipment:** To minimize thermal noise and distortion in high-end DACs or amplifiers.
3. **Industrial Controls:** In feedback loops for motor controllers or power supplies where stability over time is required.
4. **Telecom:** For base station equipment and high-speed networking hardware.
---
### 4. Comparison: Thin Film vs. Thick Film
| Feature | Thin Film (ARP2-3N-R) | Thick Film (Standard) |
| :--- | :--- | :--- |
| **Precision** | Very High (up to 0.01%) | Moderate (1% - 5%) |
| **Stability** | Excellent | Average |
| **Noise** | Very Low | Higher |
| **Cost** | Higher | Very Low |
- ⤷
What are the specific soldering profile recommendations for the ARP2-3N-R?
- ⤷ Can this resistor be used in high-frequency RF applications?
- ⤷ What are the common alternatives for this part in a 0603 package size?