AS01808PR-N50-R
AI

The **AS01808PR-N50-R** is a high-performance, miniature speaker manufactured by **PUI Audio**. It is specifically designed for space-constrained applications that require clear sound output, such as mobile devices, scanners, and IoT hardware.
---
### ## Technical Specifications
Below are the primary electrical and mechanical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Speaker Type** | Permanent Magnet Dynamic Speaker |
| **Impedance** | 8 Ohms ± 15% |
| **Rated Input Power** | 0.8 Watts |
| **Maximum Input Power** | 1.0 Watts |
| **Frequency Range** | 500 Hz ~ 20,000 Hz |
| **Sound Pressure Level (SPL)** | 86 dB @ 0.1W / 0.1M |
| **Magnet Material** | NdFeB (Neodymium) |
| **Diaphragm Material** | PEEK (Polyether Ether Ketone) |
| **Weight** | ~1.5 Grams |
---
### ## Key Electronic Features
1. **Neodymium (NdFeB) Magnet**:
Uses a high-grade Neodymium magnet which provides a high magnetic flux density. This allows the speaker to be incredibly small while maintaining high sensitivity and efficiency.
2. **PEEK Diaphragm**:
The diaphragm is made of PEEK, a high-performance thermoplastic. This material is chosen for its thermal stability and rigidity, which helps minimize distortion even when driven at its maximum 1W power rating.
3. **Low Profile Design**:
The "1808" in the part number typically refers to its dimensions (often approximately 18mm x 8mm). Its rectangular, slim form factor is ideal for modern "slimline" electronics.
---
### ## Application & Mounting
* **Connection**: This model usually features **solder pads** for direct wire attachment or PCB integration.
* **Polarity**: Polarity is marked (usually a "+" sign or a colored dot) to ensure phase consistency when using multiple speakers.
* **Enclosure**: To achieve the best frequency response (especially in the lower 500Hz range), this speaker should be mounted in a sealed or ported acoustic chamber.
---
- ⤷
What is the optimal enclosure volume for the AS01808PR-N50-R?
- ⤷ Can this speaker be driven directly by a microcontroller like an Arduino?
- ⤷ What are the dimensions and footprint of this specific PUI Audio model?