AS4CT-S12-R
AI

The **AS4CT-S12-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Quartz Crystal Oscillator**. It is widely used in timing circuits to provide a precise frequency reference for microprocessors and digital systems.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
This component is designed for compact electronic assemblies. The "S12" in the part number usually refers to its specific frequency or internal load capacitance characteristics.
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (SMD) |
| **Frequency Range** | Usually 12.000 MHz (based on 'S12' designation) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Package Size** | Often 3.2mm x 2.5mm or 5.0mm x 3.2mm |
| **Frequency Tolerance** | ±10 ppm to ±50 ppm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Load Capacitance** | 8pF to 20pF |
---
## 2. Pin Configuration and Internal Logic
Quartz crystals like the AS4CT-S12-R generally feature a 2-pad or 4-pad ceramic package. In a 4-pad configuration:
* **Pad 1 & 3:** Connected to the internal crystal element (Input/Output).
* **Pad 2 & 4:** Connected to the metal lid/case for grounding (GND) to reduce Electromagnetic Interference (EMI).
---
## 3. Key Electronic Features
* **Piezoelectric Effect:** The part operates by converting mechanical vibrations into an electrical signal at a very stable frequency.
* **Low ESR (Equivalent Series Resistance):** Designed to ensure easy startup of the oscillation even in low-power microcontrollers.
* **Environmental Resilience:** Features a hermetically sealed glass or seam-welded metal lid to protect the quartz blank from moisture and oxidation.
---
## 4. Common Applications
The AS4CT-S12-R is found in various digital circuits where "clocking" is required:
1. **Microcontrollers (MCU):** Providing the heartbeat for ARM Cortex or PIC chips.
2. **USB Interfaces:** Maintaining timing for high-speed data transfers.
3. **Wireless Modules:** Used in Bluetooth or Wi-Fi modules for carrier frequency stability.
4. **Consumer Electronics:** Wearables, smart home devices, and tablets.
---
## 5. Circuit Implementation Example
In a standard Pierce Oscillator circuit, the crystal is placed between the `XTAL_IN` and `XTAL_OUT` pins of an IC with two load capacitors ($C_1, C_2$).
```c
// Schematic Logic Representation
[MCU_XTAL_IN] ----+---- [AS4CT-S12-R] ----+---- [MCU_XTAL_OUT]
| |
[C1] [C2]
| |
[GND] [GND]
```
- ⤷
What is the exact frequency of the S12 variant in this series?
- ⤷ How do I calculate the correct load capacitors for the AS4CT-S12-R?
- ⤷ What are the footprint dimensions for the PCB layout of this part?