Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ASE02808MR-LW150-R

  • AI
    ## Technical Overview: ASE02808MR-LW150-R The **ASE02808MR-LW150-R** is a high-performance, miniature dynamic speaker manufactured by **PUI Audio**. It is specifically designed for compact electronic devices requiring clear voice reproduction or signal tones. --- ### 1. Key Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Speaker Type** | Dynamic Speaker | Permanent Magnet / Moving Coil | | **Impedance** | 8 Ohms ± 15% | Standard low-impedance load | | **Rated Power** | 0.8 Watts | Continuous operating power | | **Max Power** | 1.0 Watt | Short-term peak handling | | **Sensitivity** | 83 ± 3 dB | Measured at 0.1W / 0.1m | | **Frequency Range** | 500 Hz ~ 20,000 Hz | Optimized for mid-to-high range | | **Resonant Freq (Fo)**| 500 Hz ± 20% | The natural vibration frequency | --- ### 2. Physical Characteristics & Construction This component is engineered for space-constrained environments: * **Dimensions:** 28mm (Length) x 8mm (Width) x 5mm (Height). * **Weight:** Approximately 2.4 grams. * **Lead Wires:** The "LW150" suffix indicates it comes with **150mm** pre-attached lead wires (typically 32 AWG), facilitating easy connection to a PCB without requiring surface mount soldering on the speaker itself. * **Diaphragm Material:** Mylar (Polyethylene Terephthalate), which provides moisture resistance and durability. --- ### 3. Electronic Integration To integrate this part into a circuit, consider the following electronic principles: #### A. Driving the Speaker Because this is an 8-ohm dynamic speaker, it should be driven by an **Audio Power Amplifier** (e.g., Class D or Class AB). > **Note:** Connecting this directly to a microcontroller (MCU) GPIO pin is not recommended, as the current draw will likely exceed the pin's limit and damage the MCU. #### B. Polarity The red wire typically represents the positive (+) terminal. Correct polarity is essential in multi-speaker setups to ensure they are "in phase," preventing sound cancellation. #### C. Enclosure Design The "R" in the part number often signifies RoHS compliance. For the best acoustic performance, this speaker should be mounted in a sealed or vented enclosure. Without an enclosure, the "back-wave" will cancel out the "front-wave," resulting in very thin sound and poor bass. --- ### 4. Common Applications * Handheld medical devices. * Scanners and POS terminals. * IoT smart home sensors (voice alerts). * Compact security alarm panels.
    ✨ Follow-up Questions
    • ⤷ What is the recommended amplifier circuit for a 0.8W 8-ohm speaker?
    • ⤷ How does the resonant frequency affect the audio output quality?
    • ⤷ What are the benefits of using a Mylar diaphragm in this speaker?