AST-01532MR-R
AI

The **AST-01532MR-R** is a high-performance, miniature dynamic speaker manufactured by **PUI Audio**. It is specifically designed for applications where space is limited but high-quality sound reproduction is required.
---
## 1. Component Specifications
The following table summarizes the key technical characteristics of the AST-01532MR-R:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Dynamic Speaker (Moving Coil) |
| **Impedance** | 8 Ohms (±15%) |
| **Rated Input Power** | 0.3 Watts |
| **Maximum Input Power** | 0.5 Watts |
| **Frequency Range** | 600 Hz ~ 20,000 Hz |
| **Sound Pressure Level (SPL)** | 85 dB ± 3dB @ 0.1W/0.1M |
| **Size** | 15mm Diameter x 3.7mm Height |
| **Mounting Type** | Surface Mount / Wire Lead Compatible |
---
## 2. Key Electronic Features
* **Magnet Material:** It utilizes **Neodymium (NdFeB)** magnets. This allows the speaker to maintain a high magnetic flux density in a tiny form factor, resulting in higher sensitivity and better efficiency.
* **Diaphragm Material:** Usually constructed from **Mylar (PET)**, which provides durability against moisture and environmental factors while maintaining a lightweight profile for high-frequency response.
* **Polarity:** Standard polarity is maintained; a positive voltage applied to the terminal marked with a (+) or a red dot will move the diaphragm forward.
---
## 3. Design and Application Considerations
### Implementation Tips:
1. **Enclosure Design:** To achieve the best bass response (lower end of the 600Hz range), the speaker should be mounted in a sealed or ported enclosure to prevent "acoustic short-circuiting" (where front and back sound waves cancel each other out).
2. **Driving Circuit:** Since the rated power is 0.3W, ensure your amplifier (e.g., a Class-D audio amp) has current-limiting or gain control to prevent over-driving the voice coil, which can lead to thermal failure.
3. **Environmental Rating:** This part is often chosen for handheld electronics because it is relatively robust, though care should be taken with soldering temperatures to avoid de-magnetizing the Neodymium core.
### Common Uses:
* Handheld medical devices.
* Portable scanners and POS terminals.
* IoT devices and smart sensors.
* Consumer electronics (tablets or thin laptops).
- ⤷What is the recommended soldering temperature for the AST-01532MR-R?
- ⤷ Can you provide a simple amplifier circuit diagram for an 8-ohm 0.3W speaker?
- ⤷ How does an enclosure volume affect the resonant frequency of this speaker?