ASX03304-R
AI

The **ASX03304-R** is a high-performance, miniature micro-speaker manufactured by **PUI Audio**. It belongs to their "AS" series and is specifically designed for applications where space is limited but audio clarity is essential.
---
## 1. Key Technical Specifications
The following table summarizes the core electronic and physical characteristics of the ASX03304-R:
| Parameter | Specification |
| :--- | :--- |
| **Impedance** | 4 Ohms (±15%) |
| **Power Rating (Nominal)** | 3.0 Watts |
| **Power Rating (Max)** | 4.0 Watts |
| **Sound Pressure Level (SPL)** | 82 dB ± 3dB @ 1W/0.5M |
| **Resonant Frequency (Fo)** | 350 Hz ± 20% |
| **Frequency Range** | 350 Hz ~ 20,000 Hz |
| **Magnet Material** | Neodymium (NdFeB) |
| **Cone Material** | Paper / Cloth Surround |
---
## 2. Component Features
### A. Magnetic Structure
The part utilizes a **Neodymium (NdFeB)** magnet. Neodymium is preferred in electronics because it provides a high magnetic flux density relative to its size, allowing the speaker to remain small while maintaining a high power-to-weight ratio.
### B. Material Composition
* **Cone:** Typically constructed from treated paper or composite materials to provide a balance between stiffness and low mass.
* **Surround:** Often uses a cloth or rubberized surround to allow for high excursion (movement) without distorting the audio signal.
### C. Connection Type
The "R" in the suffix usually denotes a specific mounting or lead wire configuration. This model typically features **solder pads** or pre-attached **lead wires**, making it easy to integrate into a PCB or a specialized enclosure.
---
## 3. Typical Applications
Because of its 3W power rating and compact footprint, the ASX03304-R is commonly found in:
1. **IoT Devices:** Smart home hubs and voice-activated assistants.
2. **Portable Medical Equipment:** Heart rate monitors or diagnostic tools requiring audible alarms.
3. **Industrial Handhelds:** Rugged scanners or mobile computers.
4. **Robotics:** For providing audible feedback or synthesized speech.
---
## 4. Mounting & Integration Code
When integrating this part into a circuit, ensure the amplifier matches the **4-ohm impedance** to prevent overheating or clipping. Below is a conceptual example of a simple gain stage for such a speaker:
```python
# Electronic Design Note:
# Speaker Impedance: 4 Ohms
# Target Power: 3W
# Formula: P = V^2 / R => V = sqrt(P * R)
# V = sqrt(3 * 4) = ~3.46V RMS required from the Audio Amp
```
- ⤷What is the physical dimensions of the ASX03304-R?
- ⤷ Does this speaker require a specific enclosure for optimal bass response?
- ⤷ What are the alternatives to ASX03304-R for 8-ohm systems?