Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • AT89C51ED2-RDTIM

  • AI
    ## Technical Overview of AT89C51ED2-RDTIM The **AT89C51ED2-RDTIM** is a high-performance CMOS 8-bit microcontroller based on the 8051 architecture. It is characterized by its high density, non-volatile memory, and "Green" (Lead-free) packaging. --- ### Key Specifications The following table outlines the core electronic specifications for this specific part: | Feature | Specification | | :--- | :--- | | **Architecture** | 8-bit 8051 Core | | **Flash Memory** | 64 Kbytes (In-System Programmable) | | **RAM** | 2048 Bytes (Expanded RAM) | | **Operating Voltage** | 2.7V to 5.5V | | **Max Frequency** | 60 MHz (in X2 mode) | | **I/O Pins** | 32 to 50 (depending on package) | | **EEPROM** | 2 Kbytes | | **Package Type** | VQFP-44 (RDTIM designation) | --- ### Main Electronic Components & Subsystems 1. **Memory Architecture**: * **Internal Flash:** Stores the program code. It can be programmed using ISP (In-System Programming) or IAP (In-Application Programming). * **EEPROM:** Provides 2K of non-volatile data storage for parameters that must be saved during power cycles. * **XRAM:** The 2KB of internal RAM allows for more complex data processing than standard 8051 chips. 2. **Clock and Timing**: * **X2 Mode:** A hardware feature that allows the chip to run at twice the speed of standard 8051s using the same external crystal frequency. * **PCA (Programmable Counter Array):** Includes 5 modules capable of PWM (Pulse Width Modulation), High-speed output, and Watchdog Timer functions. 3. **Communication Interfaces**: * **UART:** Standard serial interface for RS-232 or RS-485 communication. * **SPI (Serial Peripheral Interface):** High-speed synchronous data transfer. 4. **Security and Reliability**: * **Hardware Watchdog Timer:** Automatically resets the MCU if the software hangs. * **Encryption Keys:** Includes 3 levels of program memory locking to protect intellectual property. --- ### Part Number Breakdown: `AT89C51ED2-RDTIM` | Suffix | Meaning | | :--- | :--- | | **AT89C51** | Atmel 8051 Family Base | | **ED2** | 64KB Flash + 2KB RAM + 2KB EEPROM | | **R** | Packed in Reels (Tape and Reel) | | **D** | VQFP Package (44-pin) | | **T** | Temperature Range: Industrial (-40°C to +85°C) | | **I** | Industrial Grade / Lead-Free | | **M** | Manufacturer specific internal code / High Reliability | --- ### Application Usage This part is commonly used in industrial control systems, automotive electronics, and communication hubs where a robust 8-bit architecture with significant memory and peripheral integration is required.
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the VQFP-44 and PLCC-44 versions?
    • ⤷ How do I implement In-System Programming (ISP) for this chip?
    • ⤷ What are the power consumption levels in Idle vs. Power-down modes?