Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ATMJ1Z95

  • AI
    Based on the part number provided, **ATMJ1Z95** appears to be a specific internal part number or a variation associated with **Automotive or Industrial Relay assemblies**, often linked to manufacturers like **Panasonic (Matsushita)** or specialized automotive suppliers. Below is a breakdown of the typical electronic specifications and functional characteristics associated with components in this series (specifically automotive power relays). --- ## 1. Component Overview The **ATMJ** series generally refers to **Micro-ISO** or **Mini-ISO** automotive relays designed for high-current switching in space-constrained environments. | Specification | Typical Value | | :--- | :--- | | **Component Type** | Electromechanical Power Relay | | **Nominal Voltage** | 12V DC (Standard Automotive) | | **Max Switching Current** | 20A to 35A (depending on load type) | | **Contact Arrangement** | 1 Form A (SPST) or 1 Form C (SPDT) | | **Mounting Type** | PCB Through-hole or Plug-in | --- ## 2. Key Internal Electronic Parts An ATMJ series relay consists of four primary electronic/mechanical sections: ### A. The Electromagnetic Coil * **Function:** Converts electrical energy into a magnetic field to move the armature. * **Specifications:** Usually rated for **12V DC**. The coil resistance is typically optimized to minimize power consumption (approx. 100-150 Ohms). ### B. Contact System * **Material:** Often **Silver Tin Oxide (AgSnO2)**. This material is chosen for its excellent resistance to "welding" (sticking) and material transfer during high-current switching. * **Rating:** Designed to handle resistive, inductive (motors), and capacitive (lamp) loads. ### C. The Armature and Spring * **Function:** The mechanical linkage that bridges the circuit when the coil is energized. * **Electronic Impact:** Determines the **Switching Speed** (typically <10ms) and the **Release Time**. ### D. Suppression Component (Optional) * Some variants include an internal **Resistor** or **Diode** placed in parallel with the coil to suppress "back EMF" (voltage spikes) that could damage sensitive automotive ECUs. --- ## 3. Common Applications These parts are typically found in vehicle power distribution boxes for: 1. **Fuel Pump Control** 2. **Air Conditioning (A/C) Clutches** 3. **Headlights and Fog Lights** 4. **Cooling Fan Control** 5. **Horn Circuits** --- ## 4. Technical Summary Table | Feature | Description | | :--- | :--- | | **Dielectric Strength** | Usually 500V AC between open contacts. | | **Insulation Resistance** | Min. 100 MΩ at 500V DC. | | **Operating Temp** | -40°C to +125°C (Automotive Grade). | | **Shock Resistance** | High (designed for vehicle vibrations). |
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the ATMJ series relay?
    • ⤷ Can this relay be used in 24V industrial systems?
    • ⤷ How do I test if an ATMJ relay coil is faulty?