Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ATS-01F-124-C2-R0

  • AI
    The **ATS-01F-124-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "blue ICE" series, specifically designed for cooling electronic components such as CPUs, GPUs, and other high-power ICs. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Number** | ATS-01F-124-C2-R0 | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Thermal Resistance** | 3.28°C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 25.00mm | | **Attachment Method** | pushPIN™ | | **Fin Style** | Straight Fin | --- ### 2. Physical Design and Construction The device is engineered for thermal efficiency through specific physical attributes: * **Material:** It is made from high-grade aluminum, which provides an optimal balance between weight, thermal conductivity, and cost. * **Fin Geometry:** It features a **Straight Fin** pattern. This is ideal for applications where airflow is consistent and directed in a single axis. * **Anodization:** The blue anodized finish is not just aesthetic; it provides surface protection against corrosion and increases thermal emissivity. --- ### 3. Mounting Mechanism (pushPIN™) The "R0" suffix often indicates the inclusion of the **pushPIN™** attachment system. This system includes: 1. **Springs:** Pre-assembled compression springs that ensure precise pressure is applied to the component for maximum heat transfer. 2. **Pins:** Plastic or brass pins that lock into pre-drilled holes on the PCB. 3. **Thermal Interface Material (TIM):** Most of these parts come with a pre-applied high-performance thermal pad or grease (Phase Change Material) to bridge the air gap between the component and the heat sink. --- ### 4. Thermal Performance Context Thermal resistance is the critical metric for this part. The lower the resistance (°C/W), the better the cooling: * **Unducted Flow:** At low air speeds (200 LFM), it performs at approximately **3.28°C/W**. * **High Velocity:** In high-speed airflow environments (700 LFM), the resistance can drop as low as **1.20°C/W**. ---
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the pushPIN mounting system?
    • ⤷ How does this heat sink compare to cross-cut fin designs in terms of airflow?
    • ⤷ Can the pre-applied thermal interface material be replaced with liquid metal?