ATS-13F-69-C2-R0
AI

The **ATS-13F-69-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to provide high-efficiency cooling for electronic components like BGAs (Ball Grid Arrays).
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Series** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimension (Length/Width)** | 45.00 mm x 40.00 mm |
| **Height** | 20.00 mm (Low profile) |
| **Thermal Resistance** | 3.90°C/W @ 100 LFM (Airflow) |
| **Color/Finish** | Blue Anodized |
---
### 2. Core Electronic Components & Design
The "parts" of this assembly are engineered to optimize heat dissipation from a semiconductor to the ambient air:
#### A. The Heat Sink Body
* **Material:** Made from high-grade aluminum. Aluminum is chosen for its high thermal conductivity and light weight.
* **Fin Design:** It uses a high-aspect-ratio "fluted" fin pattern. This design increases the surface area significantly, allowing more heat to be carried away by moving air.
#### B. pushPIN™ Attachment System
Instead of simple adhesives, this part uses a mechanical attachment system:
* **Steel Springs:** Provide a precise, consistent "Pre-Load" pressure between the chip and the heat sink.
* **Plastic/Brass Pins:** Insert into pre-drilled holes on the PCB to lock the assembly in place securely.
#### C. Thermal Interface Material (TIM)
* **Pre-Applied Coating:** This specific part usually comes with **T766** thermal phase-change material or a high-performance thermal pad pre-applied to the base.
* **Function:** It fills microscopic air gaps between the electronic chip (CPU/GPU/FPGA) and the aluminum base to ensure maximum heat transfer.
---
### 3. Usage Context
This part is typically used in the following electronic environments:
1. **Telecommunications:** Cooling high-speed processors in switches or routers.
2. **Embedded Computing:** Managing heat in industrial PCs.
3. **Power Electronics:** Dissipating heat from MOSFETs or IGBT modules.
---
### 4. Part Number Breakdown (Nomenclature)
```text
ATS - 13 F - 69 - C2 - R0
| | | | |
| | | | +-- Revision Code
| | | +------- Finish/Color (Blue Anodized)
| | +------------ Series/Specific Configuration
| +----------------- Fin Attachment Type
+----------------------- Advanced Thermal Solutions
```
- ⤷
What are the advantages of pushPIN™ over adhesive thermal tape?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Is this heat sink compatible with standard BGA chip footprints?