Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ATS-20F-35-C2-R0

  • AI
    The **ATS-20F-35-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and thermal properties. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Base Dimensions** | 35mm x 35mm | | **Height** | 10mm | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Type** | Push-Pin (Plastic/Brass) | | **Fin Type** | XCUT (Cross-cut) | --- ### 2. Key Component Features #### A. XCUT Fin Pattern The "XCUT" geometry refers to a cross-cut design. Unlike straight fins, these create a grid-like pattern. * **Omnidirectional Airflow:** It allows air to enter and exit from multiple directions, making it ideal for systems where the airflow path is not strictly linear. * **Increased Surface Area:** The cuts increase the total area available for heat transfer. #### B. pushPIN™ Attachment System The **-R0** suffix indicates the specific hardware used for mounting: * **Ease of Assembly:** Uses pre-assembled push-pins and springs for quick installation. * **Standardized Pressure:** The springs ensure consistent "Interface Pressure" against the component, which is critical for the effectiveness of the Thermal Interface Material (TIM). #### C. Thermal Performance The efficiency of this heatsink depends on the airflow (measured in Linear Feet per Minute - LFM): | Airflow (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 100 (0.5 m/s) | ~22.48 | | 400 (2.0 m/s) | ~4.34 | | 700 (3.5 m/s) | ~2.59 | --- ### 3. Application Use Cases This specific heatsink size (35mm) is commonly used in: * **Networking Equipment:** Routers, switches, and small-form-factor servers. * **Embedded Systems:** Industrial PCs and automation controllers. * **Power Supplies:** Cooling voltage regulators or DC-DC converters. --- ### 4. Part Number Breakdown ```text ATS - 20 - F - 35 - C2 - R0 | | | | | | | | | | | +-- Hardware/Revision (Push-pin) | | | | +------- Finish (Blue Anodized) | | | +------------ Dimensions (35mm x 35mm) | | +----------------- Fin Pitch (Fine) | +---------------------- Fin Style (XCUT) +---------------------------- Brand (Advanced Thermal Solutions) ```
    ✨ Follow-up Questions
    • ⤷ What is the importance of the Blue Anodized finish on this heatsink?
    • ⤷ Which Thermal Interface Materials (TIM) are recommended for 35mm heatsinks?
    • ⤷ How do I calculate if the 10mm height is sufficient for my power dissipation needs?