ATS-52290B-C2-R0
AI

### ATS-52290B-C2-R0: Technical Overview
The **ATS-52290B-C2-R0** is a high-performance heat sink assembly manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **maxiFLOW™** series, specifically designed for cooling high-power electronic components such as processors, FPGAs, and ASICs.
---
### 1. Component Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Material** | Aluminum (Black Anodized) |
| **Thermal Resistance** | 2.50° C/W @ 200 LFM |
| **Dimensions (L x W x H)** | 29mm x 29mm x 7.5mm |
| **Interface Material** | T766 (Pre-applied Thermal Pad) |
---
### 2. Key Electronic & Mechanical Parts
The assembly consists of three primary functional elements that work together to manage the thermal profile of an electronic component:
#### A. The Heat Sink (maxiFLOW™ Design)
The core component is the aluminum heat sink. It features a **tapered fin design** which:
* Reduces pressure drop.
* Increases airflow through the fin field.
* Maximizes surface area for heat dissipation in space-constrained PCB layouts.
#### B. The maxiGRIP™ Attachment System
Unlike traditional heat sinks that require holes drilled into the PCB, this part uses a **mechanical clip system**:
* **Plastic Frame Clip:** Securely encircles the electronic component (e.g., a BGA package).
* **Stainless Steel Spring Clip:** Applies steady, even pressure across the component surface to ensure optimal thermal contact.
#### C. Thermal Interface Material (TIM)
The base of the heat sink comes pre-applied with **Chomerics T766**. This is a high-performance phase-change material that fills microscopic air gaps between the chip and the heat sink, significantly lowering thermal resistance.
---
### 3. Application Use Cases
This part is typically found in high-density electronic environments, including:
* **Networking Hardware:** Switches and routers.
* **Telecommunications:** Base stations and optical modules.
* **Embedded Systems:** Industrial PC boards where vertical space (7.5mm height) is limited.
---
- ⤷
How does the maxiGRIP attachment method compare to push-pin mounting?
- ⤷ What are the advantages of the tapered fin design in high-velocity airflow?
- ⤷ Can the T766 thermal interface material be replaced if the heat sink is reinstalled?