ATS-61300D-C1-R0
AI

The **ATS-61300D-C1-R0** is a high-performance electronic thermal management component, specifically a **Pin Fin Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
Below is a detailed breakdown of its specifications and electronic application.
---
### 1. Technical Specifications
The part belongs to the **maxiFLOW™** series, designed to provide low thermal resistance and high surface area for cooling electronic components.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-61300D-C1-R0 |
| **Material** | Aluminum (Black Anodized) |
| **Dimensions** | 30.00mm x 30.00mm x 9.50mm |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Thermal Resistance** | 8.80 °C/W (at 200 LFM) |
| **Flow Orientation** | Omnidirectional (Pin Fin) |
---
### 2. Key Electronic Features
#### A. Pin Fin Design
Unlike traditional straight-fin heat sinks, the pin fin geometry allows for **omnidirectional airflow**. This means the cooling efficiency remains high regardless of which direction the air enters the heat sink, making it ideal for cramped PCB environments with complex air currents.
#### B. maxiGRIP™ Attachment
The "C1" in the part number usually refers to the attachment mechanism. This part uses a specialized **plastic frame clip** (maxiGRIP™) and a **stainless steel spring clip**.
* **No Holes Required:** It attaches directly to the component/PCB without needing to drill holes in the board.
* **Constant Pressure:** The spring clip ensures steady pressure on the thermal interface material (TIM), preventing gaps due to vibration or thermal expansion.
#### C. Thermal Interface Material (TIM)
This specific model generally comes pre-applied with **Chomerics T766** or a similar high-performance phase-change material. This ensures that the microscopic gaps between the heat sink base and the electronic chip (CPU, FPGA, etc.) are filled to maximize heat transfer.
---
### 3. Common Applications
This part is typically used to cool small to medium-sized integrated circuits (ICs) that generate significant heat:
1. **Networking Hardware:** Switches, routers, and high-speed modems.
2. **FPGA/ASIC:** High-performance programmable logic devices.
3. **Power Electronics:** Voltage regulators and power converters that require high-density cooling in a small footprint.
4. **Embedded Systems:** Industrial PCs where space is at a premium but reliability is critical.
---
### 4. Cooling Performance Data
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 8.80 |
| 300 | 6.50 |
| 400 | 5.40 |
| 500 | 4.80 |
- ⤷
What is the weight of the ATS-61300D-C1-R0?
- ⤷ Can the maxiGRIP attachment be reused if the component is replaced?
- ⤷ What is the maximum operating temperature for the black anodized finish?