ATS-P2-73-C3-R0
AI

The **ATS-P2-73-C3-R0** is a high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. Specifically, it is a heat sink designed for cooling integrated circuits (ICs) and surface-mount devices.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimension (Length x Width)** | 25mm x 25mm |
| **Height** | 30mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 3.42°C/W (at 1.0 m/s airflow) |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
## 2. Key Components & Design
The ATS-P2-73-C3-R0 is engineered for maximum heat dissipation in space-constrained environments:
### A. Fin Geometry
The "Straight Fin" design is optimized for high-velocity airflow. The vertical fins provide a large surface area for heat to transfer from the aluminum body into the surrounding air.
### B. Attachment Mechanism (pushPIN™)
Unlike adhesive-based heat sinks, this model uses a **pushPIN™** system:
* **Spring-loaded:** Ensures a constant and uniform pressure across the component.
* **Reliability:** Resistant to vibration and thermal expansion, making it ideal for industrial or automotive electronics.
* **Hardware:** It typically includes brass or plastic pins with stainless steel springs.
### C. Thermal Interface Material (TIM)
The part comes with **T412** pre-applied to the base. This is a high-performance thermal pad that fills microscopic air gaps between the heat sink and the electronic chip, significantly reducing contact thermal resistance.
---
## 3. Typical Applications
This specific size (25x25x30mm) is commonly used to cool:
1. **Microprocessors / CPUs** in embedded systems.
2. **FPGAs** (Field Programmable Gate Arrays) used in telecommunications.
3. **BGA Packages** (Ball Grid Arrays) on motherboards or high-speed networking equipment.
4. **Power Converters** that generate significant localized heat.
---
## 4. Part Number Breakdown
```text
ATS - P2 - 73 - C3 - R0
| | | | |
| | | | +-- Revision Code
| | | +------- Thermal Performance/Color (Blue Anodized)
| | +------------ Series/Specific Geometry
| +----------------- Performance Level / Attachment Type
+----------------------- Brand (Advanced Thermal Solutions)
```
- ⤷
What are the benefits of using a pushPIN attachment over thermal adhesive?
- ⤷ How does the height of 30mm affect the thermal resistance compared to shorter models?
- ⤷ Is the T412 thermal interface material conductive or insulating?